Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 48 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 44Page - Texas Instruments DLPC900 Datasheet HTML 45Page - Texas Instruments DLPC900 Datasheet HTML 46Page - Texas Instruments DLPC900 Datasheet HTML 47Page - Texas Instruments DLPC900 Datasheet HTML 48Page - Texas Instruments DLPC900 Datasheet HTML 49Page - Texas Instruments DLPC900 Datasheet HTML 50Page - Texas Instruments DLPC900 Datasheet HTML 51Page - Texas Instruments DLPC900 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
DLPC900
Regulator
Vout
1.15V
DC
GND
Regulator
Vout
1.8V
Regulator
Vout
3.3V
PWRGOOD
POSENSE
Voltage
Monitors
Filter
Filter
PWRGOOD
POSENSE
1.15V Core & eDRAM I/O
1.15V PLLs
1.8V PLLs
1.8V DMD I/O & eDRAM
3.3V
Regulator
Vout
1.8V
DLPC900
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
9 Power Supply Recommendations
9.1 System Power Regulation
The PLLD_VAD, PLLM1_VAD, and PLLM2_VAD power feeding internal PLLs must be derived from an isolated
linear regulator with filter as recommended in PCB Layout Guidelines for Internal Controller PLL Power to
minimize the AC noise component.
It is acceptable to derive PLLD_VDD, PLLM1_VDD, PLLM2_VDD, and PLLS_VAD from the same regulator as
the core VDDC, but they should be filtered as recommended in the PCB Layout Guidelines for Internal Controller
PLL Power .
Figure 24. Power Regulation
9.1.1 Power Distribution System
9.1.1.1 1.15-V System Power
The DLPC900 can support a low-cost power delivery system with a single 1.15-V power source derived from a
switching regulator. The main core should receive 1.15 V power directly from the regulator output, and the
internal DLPC900 PLLs (PLLD_VDD, PLLM1_VDD, PLLM2_VDD, and PLLS_VAD) should receive individually
filtered versions of this 1.15 V power. For specific filter recommendations, refer to the PCB Layout Guidelines for
Internal Controller PLL Power .
48
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com