Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 60 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 56Page - Texas Instruments DLPC900 Datasheet HTML 57Page - Texas Instruments DLPC900 Datasheet HTML 58Page - Texas Instruments DLPC900 Datasheet HTML 59Page - Texas Instruments DLPC900 Datasheet HTML 60Page - Texas Instruments DLPC900 Datasheet HTML 61Page - Texas Instruments DLPC900 Datasheet HTML 62Page - Texas Instruments DLPC900 Datasheet HTML 63Page - Texas Instruments DLPC900 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
DLPC900
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
Table 18. Industry Design Specification
INDUSTRY SPECIFICATION
APPLICABLE TO
IPC-2221 and IPC2222, Type 3, Class X, at Level B producibility
Board Design
IPC-6011 and IPC-6012, Class 2
PWB Fabrication
IPC-SM-840, Class 3, Color Green
Finished PWB Solder mask
UL94V-0 Flammability Rating and Marking
Finished PWB
UL796 Rating and Marking
Finished PWB
10.1.10 Signal Layers
The PCB signal layers should follow typical good practice guidelines including:
•
Layer changes should be minimized for single-ended signals.
•
Individual differential pairs can be routed on different layers, but the signals of a given pair should not change
layers.
•
Stubs should be avoided.
•
Only voltage or low-frequency signals should be routed on the outer layers, except as noted previously in this
document.
•
Double data rate signals should be routed first.
•
Pin swapping on components is not allowed.
The PCB should have a solder mask on the top and bottom layers. The mask should not cover the vias.
•
Except for fine pitch devices (pitch
≤ 0.032 inches), the copper pads and the solder mask cutout should be of
the same size.
•
Solder mask between pads of fine pitch devices should be removed.
•
In the BGA package, the copper pads and the solder mask cutout should be of the same size.
10.1.11 Trace Widths and Minimum Spacing
BGA escape routing can be routed with 4-mils width and 4-mils spacing, as long as the escape nets are less
than 1 inch long, to allow 2 traces fit between vias. After signals escape the BGA field, trace width should be
widened to achieve the desired impedance and spacing.
All single-ended 50-
Ω signal must have a minimum spacing of 10mils relative to other signals. Other special
trace spacing requirements are listed in Table 19
Table 19. Traces Widths and Minimum Spacing
SIGNAL ON PIN
MINIMUM WIDTH
MINIMUM SPACE
VDDC, VDD18, VDD33
0.020
0.015
GND
0.015 (1)
0.005
PLLS_VAD, PLLM2_VDD, PLLD_VDD,
0.012 (keep length less than 260 mils)
0.015
PLLM1_VDD, PLLM1_VAD, PLLM2_VAD,
PLLD_VAD
MOSCP, OCLKA
0.020 (2)
SCA_(P,N), DDA_(P,N)_(15:00), SCB_(P,N),
0.030 (2)
DDB_(P,N)_(15:00), DCKA_(P,N),
DCKB_(P,N)
USB_DAT_(P,N)
0.030 (2)
(1)
Make width of GND trace as wide as the pin it is connected to, when possible.
(2)
Trace spacing of these signals/signal-pairs relative to other signals
60
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com