Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 39Page - Texas Instruments DLPC900 Datasheet HTML 40Page - Texas Instruments DLPC900 Datasheet HTML 41Page - Texas Instruments DLPC900 Datasheet HTML 42Page - Texas Instruments DLPC900 Datasheet HTML 43Page - Texas Instruments DLPC900 Datasheet HTML 44Page - Texas Instruments DLPC900 Datasheet HTML 45Page - Texas Instruments DLPC900 Datasheet HTML 46Page - Texas Instruments DLPC900 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
Typical Applications (continued)
Figure 21. Boot Flash Memory Layout
NOTE
The Bootloader, the Main Application, and any images stored in flash (if present) are
considered the firmware.
The chipset has the following interfaces and support circuitry:
•
DLPC900 System Interfaces
–
Control Interfaces
–
Trigger Interface
–
Input Data Interfaces
–
Illumination Interface
•
DLPC900 Support Circuitry and Interfaces
–
Reference Clock
–
PLL
–
Program Memory Flash Interface
•
DMD Interface
–
DLPC900 to DLP6500/DLP9000 Digital Data
–
DLPC900 to DLP6500/DLP9000 Control and Clock Interface
–
DLPC900 to DLP6500/DLP9000 Serial Communication Interface
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
DLPC900 System Interfaces
The DLPC900 chipset supports a 24-bit parallel RGB interface for image data transfers from another device and
a 24-bit interface for video data transfers. The system input requires proper generation of the PWRGOOD and
POSENSE inputs to ensure reliable operation. There are two primary output interfaces: illumination driver control
interface and sync outputs.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com