Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 8Page - Texas Instruments DLPC900 Datasheet HTML 9Page - Texas Instruments DLPC900 Datasheet HTML 10Page - Texas Instruments DLPC900 Datasheet HTML 11Page - Texas Instruments DLPC900 Datasheet HTML 12Page - Texas Instruments DLPC900 Datasheet HTML 13Page - Texas Instruments DLPC900 Datasheet HTML 14Page - Texas Instruments DLPC900 Datasheet HTML 15Page - Texas Instruments DLPC900 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
DLPC900
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
Board Level Test and Debug Pin Functions (1)
PIN
I/O
CLK
I/O TYPE
DESCRIPTION
POWER
SYSTEM
NAME
NUMBER
I4
JTAG serial data in. Used in both Boundary Scan and ICE
TDI
N25
VDD33
TCK
U
modes.
I4
JTAG serial data clock. Used in both Boundary Scan and ICE
TCK
N24
VDD33
N/A
D
modes.
I4
TMS1
P25
VDD33
TCK
JTAG test mode select. Used in Boundary Scan mode.
U
I4
TMS2
P26
VDD33
TCK
JTAG-ICE test mode select. Used in ICE mode.
U
TDO1
N23
VDD33
O5
TCK
JTAG serial data out. Used in Boundary Scan mode.
TDO2
N22
VDD33
O5
TCK
JTAG-ICE serial data out. Used in ICE mode.
JTAG Reset. Used in both Boundary Scan and ICE modes.
This pin should be pulled high (or left unconnected) when the
I4
JTAG interface is in use for boundary scan or debug.
TRSTZ
M23
VDD33
H
Async
Connect this to ground otherwise. Failure to tie this pin low
U
during normal operation will cause startup and initialization
problems.
RTCK
E4
VDD33
O2
N/A
JTAG return clock. Used in ICE mode.
I4
IC tri-state enable (active high). Asserting high will tri-state all
ICTSEN
M24
VDD33
H
Async
outputs except the JTAG interface. Requires an external
D
4.7 k
Ω pulldown resistor.
(1)
All JTAG signals are LVTTL compatible.
Device Test Pin Functions
PIN
I/O
CLK
I/O TYPE
DESCRIPTION
POWER
SYSTEM
NAME
NUMBER
I4
Device manufacturing test enable. This signal must be
HW_TEST_EN
M25
VDD33
H
N/A
connected to an external ground for normal operation.
D
Peripheral Interface Pin Functions
PIN
I/O
I/O TYPE
CLK SYSTEM
DESCRIPTION
POWER
NAME
NUMBER
I2C bus 0, clock. This bus supports 400 kHz, fast mode
operation. This input is not 5 V tolerant. This pin requires
I2C0_SCL
A10
VDD33
B8
N/A
an external pullup resistor to 3.3 V. The minimum
acceptable pullup value is 1 k
Ω resistor.
I2C bus 0, data. This bus supports 400 kHz, fast mode
operation. This input is not 5 V tolerant. This pin requires
I2C0_SDA
B10
VDD33
B8
I2C0_SCL
an external pullup resistor to 3.3 V. The minimum
acceptable pullup value is 1 k
Ω resistor.
I2C bus 1, data. This bus supports 400 kHz, fast mode
operation. This input is not 5 V tolerant. This pin requires
I2C1_SDA (1)
E19
VDD33
B2
I2C1_SCL
an external pullup resistor to 3.3 V. The minimum
acceptable pullup value is 1 k
Ω resistor.
I2C bus 1, clock. This bus supports 400 kHz, fast mode
operation. This input is not 5 V tolerant. This pin requires
I2C1_SCL (1)
D20
VDD33
B2
N/A
an external pullup resistor to 3.3 V. The minimum
acceptable pullup value is 1 k
Ω resistor.
I2C bus 2, data. This bus supports 400 kHz, fast mode
operation. This input is not 5 V tolerant. This pin requires
I2C2_SDA (1)
C21
VDD33
B2
I2C2_SCL
an external pullup resistor to 3.3 V. The minimum
acceptable pullup value is 1 k
Ω resistor.
(1)
This signal does not apply to the slave controller in a two controller system configuration. On the slave controller, this pin is reserved
and should be left unconnected. Refer to Typical Single Controller Chipset and Typical Two Controller Chipset for a description between
a one controller and a two controller configuration.
12
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com