Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 32Page - Texas Instruments DLPC900 Datasheet HTML 33Page - Texas Instruments DLPC900 Datasheet HTML 34Page - Texas Instruments DLPC900 Datasheet HTML 35Page - Texas Instruments DLPC900 Datasheet HTML 36Page - Texas Instruments DLPC900 Datasheet HTML 37Page - Texas Instruments DLPC900 Datasheet HTML 38Page - Texas Instruments DLPC900 Datasheet HTML 39Page - Texas Instruments DLPC900 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
DLPC900
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
7.3 Feature Description
The DLPC900 controller takes as input 16-, 20-, or 24-bit RGB data at up to 120-Hz frame rate. For example, a
120Hz 24-bit frame is composed of three colors (red, green, and blue) with each color equally divided in the 120-
Hz frame rate. Thus, each color has a 2.78-ms time slot allocated. Because each color has an 8-bit depth, each
color time slot is further divided into bit-planes. A bit-plane is the 2-dimensional arrangement of one-bit extracted
from all the pixels in the full color 2D image to implement dynamic depth (see Figure 13).
Figure 13. Bit Slices
The length of each bit-plane in the time slot is weighted by the corresponding power of two of its binary
representation. This provides a binary pulse-width modulation of the image. For example, a 24-bit RGB input has
three colors with 8-bit depth each. Each color time slot is divided into eight bit-planes, with the sum of the weight
of all bit planes in the time slot equal to 256. See Figure 14 for an illustration of this partition of the bits in a
frame.
Figure 14. Bit Partition in a Frame for an 8-Bit Color
36
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com