Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 38 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 34Page - Texas Instruments DLPC900 Datasheet HTML 35Page - Texas Instruments DLPC900 Datasheet HTML 36Page - Texas Instruments DLPC900 Datasheet HTML 37Page - Texas Instruments DLPC900 Datasheet HTML 38Page - Texas Instruments DLPC900 Datasheet HTML 39Page - Texas Instruments DLPC900 Datasheet HTML 40Page - Texas Instruments DLPC900 Datasheet HTML 41Page - Texas Instruments DLPC900 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
Master Controller
Slave Controller
1280
1280
1600
DLPC900
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
Table 3. DLPC900 – Signals
Not Covered by JTAG (1)
(continued)
SIGNAL NAME
PACKAGE BALL
TRSTZ
M23
TDO1
N23
TDO2
N22
TMS1
P25
TMS2
P26
7.3.4 Two Controller Considerations
When two DLPC900 controllers drive a single high-resolution DLP9000 DMD, each controller is used to drive half
of the DMD, as shown in Figure 16. Each controller must operate in two pixels per clock, and the pixel clock
must be maintained below the maximum two pixel per clock frequency. Only WQXGA resolution is supported
when two DLPC900 controllers are matched with a DLP9000 DMD.
Figure 16. Two Controllers Connected to DLP9000 DMD
7.4 Device Functional Modes
7.4.1 Structured Light Application
For structured light applications, the DLPC900 can be commanded to enter high speed sequential pattern modes
where a specific set of patterns are selected with a maximum of 24 bits per pixel. The bit-depth of the patterns
are then allocated into the corresponding time slots. Furthermore, an output trigger signal is also synchronized
with these time slots to indicate when the image is displayed.
This pattern mode provides the capability to display a set of patterns and signal a camera to capture these
patterns overlaid on an object. The DLPC900 controller is capable of pre-loading up to 400 1-bit binary patterns
into internal memory from the external flash memory. These pre-loaded binary patterns are then streamed to the
DMD at high speed.
38
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com