Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 24Page - Texas Instruments DLPC900 Datasheet HTML 25Page - Texas Instruments DLPC900 Datasheet HTML 26Page - Texas Instruments DLPC900 Datasheet HTML 27Page - Texas Instruments DLPC900 Datasheet HTML 28Page - Texas Instruments DLPC900 Datasheet HTML 29Page - Texas Instruments DLPC900 Datasheet HTML 30Page - Texas Instruments DLPC900 Datasheet HTML 31Page - Texas Instruments DLPC900 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
DLPC900
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
6.10 Programmable Output Clocks Switching Characteristics
Switching characteristics over recommended operating conditions, CL (min timing) = 5 pF, CL (max timing) = 50 pF (unless
otherwise noted)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
MIN
MAX
UNIT
ƒclock Clock frequency, OCLKA1
(1)
N/A
OCLKA
0.787
50.00
MHz
tc
Cycle time, OCLKA
N/A
OCLKA
20.00
1270.6
ns
Pulse duration, high2 (2)
tw(H)
N/A
OCLKA
(tc / 2) – 2
ns
50% to 50% reference points (signal)
Pulse duration, low2
tw(L)
N/A
OCLKA
(tc / 2) – 2
ns
50% to 50% reference points (signal)
Jitter
N/A
OCLKA
350
ps
(1)
The frequency of OCLKA is programmable.
(2)
The duty cycle of OCLKA will be within ±2 ns of 50%.
Figure 5. Programmable Output Clocks
28
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com