Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 19Page - Texas Instruments DLPC900 Datasheet HTML 20Page - Texas Instruments DLPC900 Datasheet HTML 21Page - Texas Instruments DLPC900 Datasheet HTML 22Page - Texas Instruments DLPC900 Datasheet HTML 23Page - Texas Instruments DLPC900 Datasheet HTML 24Page - Texas Instruments DLPC900 Datasheet HTML 25Page - Texas Instruments DLPC900 Datasheet HTML 26Page - Texas Instruments DLPC900 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER (1)
TEST CONDITIONS (2)
MIN
TYP
MAX
UNIT
USB (9)
–18.4
1.8-V LVDS (7)
VO = 1.4 V
–6.5
(VOD = 300 mV)
High-level output
IOH
mA
current (3)
3.3-V LVTTL (1)
VO = 2.4 V
–4
3.3-V LVTTL (2)
VO = 2.4 V
–8
3.3-V LVTTL (3)
VO = 2.4 V
–12
USB (9)
19.1
1.8-V LVDS (7)
VO = 1 V
6.5
(VOD = 300 mV)
Low-level output
3.3-V LVTTL (1)
VO = 0.4 V
4
IOL
mA
current (4)
3.3-V LVTTL (2)
VO = 0.4 V
8
3.3-V LVTTL (3)
VO = 0.4 V
12
3.3-V I2C (8)
3
USB (9)
–10
10
LVDS (7)
–10
10
High-impedance
IOZ
µA
leakage current
3.3-V LVTTL (1, 2, 3)
–10
10
3.3-V I2C (8)
–10
10
USB (9)
11.84
17.07
3.3-V LVTTL (1)
3.75
5.52
Input capacitance
CI
3.3-V LVTTL (2)
3.75
5.52
pF
(including package)
3.3-V LVTTL (4)
3.75
5.52
3.3-V I2C (8)
5.26
6.54
(3)
VDDQ = 1.7 V; VOUT = 1420 mV. (VOUT – VDDQ) / IOH must be < 21 Ω for values of VOUT between VDDQ and VDDQ – 280 mV.
(4)
VDDQ = 1.7 V; VOUT = 280 mV. VOUT / IOL must be < 21 Ω for values of VOUT between 0 V and 280 mV.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com