Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 397 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 397 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 393Page - Infineon Technologies AG PEB2256HT Datasheet HTML 394Page - Infineon Technologies AG PEB2256HT Datasheet HTML 395Page - Infineon Technologies AG PEB2256HT Datasheet HTML 396Page - Infineon Technologies AG PEB2256HT Datasheet HTML 397Page - Infineon Technologies AG PEB2256HT Datasheet HTML 398Page - Infineon Technologies AG PEB2256HT Datasheet HTML 399Page - Infineon Technologies AG PEB2256HT Datasheet HTML 400Page - Infineon Technologies AG PEB2256HT Datasheet HTML 401Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
397
2002-08-27
DIV3
Data Inversion - HDLC Channel 3
Setting this bit will invert the internal generated HDLC data stream.
0
= Normal operation, HDLC data stream not inverted
1
= HDLC data stream inverted
Global Clock Mode Register 1 (Read/Write)
Value after reset: 00
H
PHD_E1(7:0)
Frequency Adjust for E1
For details see calculation formulas below.
Global Clock Mode Register 2 (Read/Write)
Value after reset: 00
H
PHD_E1(11:8)
Frequency Adjust for E1
For details see calculation formulas below.
VFREQ_EN
Variable Frequency Enable
0 =
Fixed clock frequency of 2.048 (E1) or 1.544 MHz (T1/J1)
1 =
Variable master clock frequency
70
GCM1
PHD_E1
7
PHD_E1
6
PHD_E1
5
PHD_E1
4
PHD_E1
3
PHD_E1
2
PHD_E1
1
PHD_E1
0
(92)
70
GCM2
DVM_E1
2
DVM_E1
1
DVM_E1
0
VFREQ_
EN
PHD_E1
11
PHD_E1
10
PHD_E1
9
PHD_E1
8
(93)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com