Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 393 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 393 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 389Page - Infineon Technologies AG PEB2256HT Datasheet HTML 390Page - Infineon Technologies AG PEB2256HT Datasheet HTML 391Page - Infineon Technologies AG PEB2256HT Datasheet HTML 392Page - Infineon Technologies AG PEB2256HT Datasheet HTML 393Page - Infineon Technologies AG PEB2256HT Datasheet HTML 394Page - Infineon Technologies AG PEB2256HT Datasheet HTML 395Page - Infineon Technologies AG PEB2256HT Datasheet HTML 396Page - Infineon Technologies AG PEB2256HT Datasheet HTML 397Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
393
2002-08-27
Common Configuration Register 4 (Read/Write)
Value after reset: 00
H
RADD3
Receive Address Pushed to RFIFO3
If this bit is set, the received HDLC channel 3 address information (1
or 2 bytes, depending on the address mode selected via
MODE3.MDS03) is pushed to RFIFO3. This function is applicable in
non-auto mode and transparent mode 1.
RCRC3
Receive CRC ON/OFF - HDLC Channel 3
Only applicable in non-auto mode.
If this bit is set, the received CRC checksum is written to RFIFO3
(CRC-ITU-T: 2 bytes). The checksum, consisting of the 2 last bytes in
the received frame, is followed in the RFIFO3 by the status
information byte (contents of register RSIS3). The received CRC
checksum will additionally be checked for correctness. If non-auto
mode is selected, the limits for “Valid Frame” check are modified.
XCRC3
Transmit CRC ON/OFF - HDLC Channel 3
If this bit is set, the CRC checksum will not be generated internally. It
has to be written as the last two bytes in the transmit FIFO (XFIFO3).
The transmitted frame is closed automatically with a closing flag.
ITF3
Interframe Time Fill - HDLC Channel 3
Determines the idle (= no data to be sent) state of the transmit data
coming from the signaling controller.
0
= Continuous logical "1" is output
1
= Continuous flag sequences are output ("01111110" bit patterns)
XMFA3
Transmit Multiframe Aligned - HDLC Channel 3
Determines the synchronization between the framer and the
corresponding signaling controller.
0 =
The contents of the XFIFO3 is transmitted without multiframe
alignment.
1 =
The contents of the XFIFO3 is transmitted multiframe aligned.
70
CCR4
RADD3
RCRC3
XCRC3
ITF3
XMFA3
RFT13
RFT03
(8C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com