Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 392 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 392 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 388Page - Infineon Technologies AG PEB2256HT Datasheet HTML 389Page - Infineon Technologies AG PEB2256HT Datasheet HTML 390Page - Infineon Technologies AG PEB2256HT Datasheet HTML 391Page - Infineon Technologies AG PEB2256HT Datasheet HTML 392Page - Infineon Technologies AG PEB2256HT Datasheet HTML 393Page - Infineon Technologies AG PEB2256HT Datasheet HTML 394Page - Infineon Technologies AG PEB2256HT Datasheet HTML 395Page - Infineon Technologies AG PEB2256HT Datasheet HTML 396Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
392
2002-08-27
RCRC2
Receive CRC ON/OFF - HDLC Channel 2
Only applicable in non-auto mode.
If this bit is set, the received CRC checksum is written to RFIFO2
(CRC-ITU-T: 2 bytes). The checksum, consisting of the 2 last bytes in
the received frame, is followed in the RFIFO2 by the status
information byte (contents of register RSIS2). The received CRC
checksum will additionally be checked for correctness. If non-auto
mode is selected, the limits for “valid frame” check are modified.
XCRC2
Transmit CRC ON/OFF - HDLC Channel 2
If this bit is set, the CRC checksum will not be generated internally. It
has to be written as the last two bytes in the transmit FIFO (XFIFO2).
The transmitted frame is closed automatically with a closing flag.
ITF2
Interframe Time Fill - HDLC Channel 2
Determines the idle (= no data to be sent) state of the transmit data
coming from the signaling controller.
0
= Continuous logical "1" is output
1
= Continuous flag sequences are output ("01111110" bit patterns)
XMFA2
Transmit Multiframe Aligned - HDLC Channel 2
Determines the synchronization between the framer and the
corresponding signaling controller.
0 =
The contents of the XFIFO2 is transmitted without multiframe
alignment.
1 =
The contents of the XFIFO2 is transmitted multiframe aligned.
RFT12, RFT02
RFIFO2 Threshold Level - HDLC Channel 2
The size of the accessible part of RFIFO2 can be determined by
programming these bits. The number of valid bytes after an RPF
interrupt is given in the following table:
The value of RFT(1:0)2 can be changed dynamically if reception is
not running or after the current data block has been read, but before
the command CMDR3.RMC2 is issued (interrupt controlled data
transfer).
RFT12
RFT02
Size of Accessible Part of RFIFO2
0
0
1
1
0
1
0
1
32 bytes (default value)
16 bytes
4 bytes
2 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com