Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 388 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 388 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 384Page - Infineon Technologies AG PEB2256HT Datasheet HTML 385Page - Infineon Technologies AG PEB2256HT Datasheet HTML 386Page - Infineon Technologies AG PEB2256HT Datasheet HTML 387Page - Infineon Technologies AG PEB2256HT Datasheet HTML 388Page - Infineon Technologies AG PEB2256HT Datasheet HTML 389Page - Infineon Technologies AG PEB2256HT Datasheet HTML 390Page - Infineon Technologies AG PEB2256HT Datasheet HTML 391Page - Infineon Technologies AG PEB2256HT Datasheet HTML 392Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
388
2002-08-27
Port Configuration 6 (Read/Write)
Value after reset: 00H
SXCL(1:0)
Select Transmit Clock Frequency on Port CLK2
Port CLK2 is the de-jittered DCO-X clock at a frequency of
00 = 1.544 MHz
01 =
3.088MHz
10 =
6.176 MHz
11 =
12.352 MHz
Note: If DCO-X is not used, no clock is output on pin CLK2
(SIC1.XBS(1:0)=00 and CMR1.DXJA=1; buffer bypass and
no jitter attenuation)
SCL(2:0)
Select System Clock Frequency on Port CLK1
Port CLK1 is the de-jittered DCO-R clock at a frequency of
SIC2.SSC2=0:
000 = 8 kHz
001 = 2.048 MHz
010 = 4.096 MHz
011 = 8.192 MHz
100 = 16.384 MHz
101 to 111 = Not defined
SIC2.SSC2=1:
000 = 8 kHz
001 = 1.544 MHz
010 = 3.088 MHz
011 = 6.176 MHz
100 = 12.352 MHz
101 to 111 = Not defined
Note:If DCO-R is not active, no clock is output on pin CLK1
(SIC1.RBS(1:0)=11 and CMR1.RS1=0).
70
PC6
SXCL1
SXCL0
SCL2
SCL1
SCL0
(86)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com