Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 389 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 389 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 385Page - Infineon Technologies AG PEB2256HT Datasheet HTML 386Page - Infineon Technologies AG PEB2256HT Datasheet HTML 387Page - Infineon Technologies AG PEB2256HT Datasheet HTML 388Page - Infineon Technologies AG PEB2256HT Datasheet HTML 389Page - Infineon Technologies AG PEB2256HT Datasheet HTML 390Page - Infineon Technologies AG PEB2256HT Datasheet HTML 391Page - Infineon Technologies AG PEB2256HT Datasheet HTML 392Page - Infineon Technologies AG PEB2256HT Datasheet HTML 393Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
389
2002-08-27
Command Register 2 (Write)
Value after reset: 00
H
RSUC
Reset Signaling Unit Counter - HDLC Channel 1
After setting this bit the SS7 signaling unit counter and error counter
are reset.The bit is cleared automatically after execution.
Note: The maximum time between writing to the CMDR2 register
and the execution of the command takes 2.5 periods of the
current system data rate. Therefore, if the CPU operates with
a very high clock rate in comparison with the FALC56's clock,
it is recommended that bit SIS.CEC should be checked before
writing to the CMDR register to avoid any loss of commands.
XPPR
Transmit Periodical Performance Report (PPR)
After setting this bit the last PPR is sent once. The bit is cleared
automatically after completion. Applies to HDLC channel 1 only.
Command Register 3 (Write)
Value after reset: 00
H
RMC2
Receive Message Complete - HDLC Channel 2
Confirmation from CPU to FALC
® that the current frame or data block
has been fetched following an RPF2 or RME2 interrupt, thus the
occupied space in the RFIFO2 can be released.
XREP2
Transmission Repeat - HDLC Channel 2
If XREP2 is set together with XTF2 (write 24H to CMDR3), the FALC
®
repeatedly transmits the contents of the XFIFO2 (1 to 32 bytes)
without HDLC framing fully transparently, i.e. without flag, CRC.
The cyclic transmission is stopped with an SRES2 command or by
resetting XREP2.
CMDR2
RSUC
XPPR
(87)
70
CMDR3
RMC2
XREP2
XHF2
XTF2
XME2
SRES2
(88)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com