Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 428 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 428 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 424Page - Infineon Technologies AG PEB2256HT Datasheet HTML 425Page - Infineon Technologies AG PEB2256HT Datasheet HTML 426Page - Infineon Technologies AG PEB2256HT Datasheet HTML 427Page - Infineon Technologies AG PEB2256HT Datasheet HTML 428Page - Infineon Technologies AG PEB2256HT Datasheet HTML 429Page - Infineon Technologies AG PEB2256HT Datasheet HTML 430Page - Infineon Technologies AG PEB2256HT Datasheet HTML 431Page - Infineon Technologies AG PEB2256HT Datasheet HTML 432Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
428
2002-08-27
Interrupt Status Register 0 (Read)
Value after reset: 00
H
All bits are reset when ISR0 is read.
If bit GCR.VIS is set, interrupt statuses in ISR0 are flagged although they are masked by
register IMR0. However, these masked interrupt statuses neither generate a signal on
INT, nor are visible in register GIS.
RME
Receive Message End - HDLC Channel 1
One complete message of length less than 32 bytes, or the last part
of a frame at least 32 bytes long is stored in the receive FIFO,
including the status byte.
The complete message length can be determined reading the RBCH,
RBCL registers, the number of bytes currently stored in RFIFO is
given by RBC(4:0). Additional information is available in the RSIS
register.
RFS/BIV
Receive Frame Start - HDLC Channel 1
This is an early receiver interrupt activated after the start of a valid
frame has been detected, i.e. after an address match (in operation
modes providing address recognition), or after the opening flag
(transparent mode 0) is detected, delayed by two bytes. After a RFS
interrupt, the contents of RAL1and RSIS.3-1 are valid and can be
read by the CPU.
BOM Frame Invalid - HDLC Channel 1
Only valid if CCR2.RBFE is set.
When the BOM receiver left the valid BOM status (detecting 7 out of
10 equal BOM frames) this interrupt is generated.
ISF
Incorrect Sync Format - HDLC Channel 1
The FALC56 did not detect eight consecutive ones within 32 bits in
BOM mode. Only valid if BOM receiver has been activated.
RMB
Receive Multiframe Begin
This bit is set with the beginning of a received multiframe of the
receive line timing.
70
ISR0
RME
RFS/BIV
ISF
RMB
RSC
CRC6
PDEN
RPF
(68)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com