Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 429 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 429 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 425Page - Infineon Technologies AG PEB2256HT Datasheet HTML 426Page - Infineon Technologies AG PEB2256HT Datasheet HTML 427Page - Infineon Technologies AG PEB2256HT Datasheet HTML 428Page - Infineon Technologies AG PEB2256HT Datasheet HTML 429Page - Infineon Technologies AG PEB2256HT Datasheet HTML 430Page - Infineon Technologies AG PEB2256HT Datasheet HTML 431Page - Infineon Technologies AG PEB2256HT Datasheet HTML 432Page - Infineon Technologies AG PEB2256HT Datasheet HTML 433Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
429
2002-08-27
RSC
Received Signaling Information Changed
This interrupt bit is set during each multiframe in which signaling
information on at least one channel changes its value from the
previous multiframe. This interrupt only occurs in the synchronous
state. The registers RS(12:1) should be read within the next 3 ms
otherwise the contents is lost.
CRC6
Receive CRC6 Error
0 =
No CRC6 error occurs.
1 =
The CRC6 check of the last received multiframe failed.
PDEN
Pulse-Density Violation
The pulse-density violation of the received data stream defined by
ANSI T1. 403 is violated. More than 14 consecutive zeros or less than
N ones in each and every time window of 8
×(N+1) data bits (N = 23)
are detected. If GCR.SCI is set high this interrupt status bit is
activated with every change of state of FRS1.PDEN.
RPF
Receive Pool Full - HDLC Channel 1
32 bytes of a frame have arrived in the receive FIFO. The frame is not
yet received completely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com