Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 430 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 430 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 426Page - Infineon Technologies AG PEB2256HT Datasheet HTML 427Page - Infineon Technologies AG PEB2256HT Datasheet HTML 428Page - Infineon Technologies AG PEB2256HT Datasheet HTML 429Page - Infineon Technologies AG PEB2256HT Datasheet HTML 430Page - Infineon Technologies AG PEB2256HT Datasheet HTML 431Page - Infineon Technologies AG PEB2256HT Datasheet HTML 432Page - Infineon Technologies AG PEB2256HT Datasheet HTML 433Page - Infineon Technologies AG PEB2256HT Datasheet HTML 434Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
430
2002-08-27
Interrupt Status Register 1 (Read)
All bits are reset when ISR1 is read.
If bit GCR.VIS is set, interrupt statuses in ISR1 are flagged although they are masked by
register IMR1. However, these masked interrupt statuses neither generate a signal on
INT, nor are visible in register GIS.
CASE
Transmit CAS Register Empty
In ESF format this bit is set with the beginning of a transmitted
multiframe related to the internal transmitter timing. In F12 and F72
format this interrupt occurs every 24 frames to inform the user that
new bit robbing data may be written to the XS(12:1) registers. This
interrupt is generated only if the serial signaling access on the system
highway is not enabled.
RDO
Receive Data Overflow - HDLC Channel 1
This interrupt status indicates that the CPU did not respond fast
enough to an RPF or RME interrupt and that data in RFIFO has been
lost. Even when this interrupt status is generated, the frame continues
to be received when space in the RFIFO is available again.
Note: Whereas the bit RSIS.RDO in the frame status byte indicates
whether an overflow occurred when receiving the frame
currently accessed in the RFIFO, the ISR1.RDO interrupt status
is generated as soon as an overflow occurs and does not
necessarily pertain to the frame currently accessed by the
processor.
ALLS
All Sent - HDLC Channel 1
This bit is set if the last bit of the current frame has been sent
completely and XFIFO is empty. This bit is valid in HDLC mode only.
XDU
Transmit Data Underrun - HDLC Channel 1
Transmitted frame was terminated with an abort sequence because
no data was available for transmission in XFIFO and no XME was
issued.
Note: Transmitter and XFIFO are reset and deactivated if this
condition occurs. They are reactivated not before this interrupt
status register has been read. Thus, XDU should not be
masked by register IMR1.
70
ISR1
CASE
RDO
ALLS
XDU
XMB
SUEX
XLSC
XPR
(69)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com