Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 449 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 449 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 445Page - Infineon Technologies AG PEB2256HT Datasheet HTML 446Page - Infineon Technologies AG PEB2256HT Datasheet HTML 447Page - Infineon Technologies AG PEB2256HT Datasheet HTML 448Page - Infineon Technologies AG PEB2256HT Datasheet HTML 449Page - Infineon Technologies AG PEB2256HT Datasheet HTML 450Page - Infineon Technologies AG PEB2256HT Datasheet HTML 451Page - Infineon Technologies AG PEB2256HT Datasheet HTML 452Page - Infineon Technologies AG PEB2256HT Datasheet HTML 453Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 490 page
background image
FALC56 V1.2
PEB 2256
Electrical Characteristics
Data Sheet
449
2002-08-27
Note: Typical characteristics specify mean values expected over the production spread.
If not specified otherwise, typical characteristics apply at
T
A=25 °C
and 3.3V
supply voltage.
Loss-Of-signal (LOS)
detection limit in short-
haul mode
V
LOSSH
0.91
0.74
0.59
0.42
0.32
0.21
0.16
0.10
(typical values)
V
RIL(2:0)=000
RIL(2:0)=001
RIL(2:0)=010
RIL(2:0)=011
RIL(2:0)=100
RIL(2:0)=101
RIL(2:0)=110
RIL(2:0)=111
7)
8)
LOS detection limit in
long-haul mode
V
LOSLH
1.70
0.84
0.84
0.45
0.45
0.20
0.10
not defined
(typical values)
V
RIL(2:0)=000
RIL(2:0)=001
RIL(2:0)=010
RIL(2:0)=011
RIL(2:0)=100
RIL(2:0)=101
RIL(2:0)=110
RIL(2:0)=111
7)
8)
1)
Applies to all input pins except analog pins RLx
2)
Applies to all output pins except pins XLx
3)
Wiring conditions and external circuit configuration according to Figure 107 and Table 90 on page 476.
4)
Wiring conditions and external circuit configuration according to Figure 107 and Table 91 on page 477.
5)
System interface at 16 MHz; all-ones data.
6)
Pin leakage is measured in a test mode with all internal pullups disabled. RDO pins are not tristatable, no
leakage is measured.
7)
Parameter not tested in production
8)
Differential input voltage between pins RL1 and RL2; depends on programming of register LIM1.RIL(2:0)
Parameter
Symbol
Limit Values
Unit Notes
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com