Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 446 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 446 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 442Page - Infineon Technologies AG PEB2256HT Datasheet HTML 443Page - Infineon Technologies AG PEB2256HT Datasheet HTML 444Page - Infineon Technologies AG PEB2256HT Datasheet HTML 445Page - Infineon Technologies AG PEB2256HT Datasheet HTML 446Page - Infineon Technologies AG PEB2256HT Datasheet HTML 447Page - Infineon Technologies AG PEB2256HT Datasheet HTML 448Page - Infineon Technologies AG PEB2256HT Datasheet HTML 449Page - Infineon Technologies AG PEB2256HT Datasheet HTML 450Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 490 page
background image
FALC56 V1.2
PEB 2256
Electrical Characteristics
Data Sheet
446
2002-08-27
11
Electrical Characteristics
11.1
Absolute Maximum Ratings
Note: Stresses above those listed here may cause permanent damage to the
device. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
11.2
Operating Range
Note: In the operating range, the functions given in the circuit description are fulfilled.
V
DD, VDDR and VDDX have to be connected to the same voltage level,
V
SS, VSSR and VSSX have to be connected to ground level.
Parameter
Symbol
Limit Values
Unit
Ambient temperature under bias
T
A
– 40 to 85
°C
Storage temperature
T
stg
– 65 to 125
°C
IC supply voltage (digital)
V
DD
– 0.4 to 6.5
V
IC supply voltage receive (analog)
V
DDR
– 0.4 to 6.5
V
IC supply voltage transmit (analog)
V
DDX
– 0.4 to 6.5
V
Voltage on any pin with respect to ground
V
S
– 0.4 to 6.5
V
ESD robustness
1) HBM: 1.5 k
Ω, 100 pF
1)
According to JEDEC standard JESD22-A114.
V
ESD,HBM
2000
V
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Ambient temperature
T
A
-40
85
°C
Supply voltages
V
DD
V
DDR
V
DDX
3.13
3.46
V
3.3 V
± 5%
1)
1)
Voltage ripple on analog supply less than 50 mV
Analog input voltages
V
IA
0
V
DDR+0.3
V
Digital input voltages
V
ID
05.25
V
V
DD =5.0 V± 5%
Ground
V
SS
V
SSR
V
SSX
00V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com