Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 447 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 447 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 443Page - Infineon Technologies AG PEB2256HT Datasheet HTML 444Page - Infineon Technologies AG PEB2256HT Datasheet HTML 445Page - Infineon Technologies AG PEB2256HT Datasheet HTML 446Page - Infineon Technologies AG PEB2256HT Datasheet HTML 447Page - Infineon Technologies AG PEB2256HT Datasheet HTML 448Page - Infineon Technologies AG PEB2256HT Datasheet HTML 449Page - Infineon Technologies AG PEB2256HT Datasheet HTML 450Page - Infineon Technologies AG PEB2256HT Datasheet HTML 451Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 490 page
background image
FALC56 V1.2
PEB 2256
Electrical Characteristics
Data Sheet
447
2002-08-27
11.3
DC Characteristics
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Input low voltage
V
IL
– 0.4
0.8
V
1)
Input high voltage
V
IH
2.0
5.25
V
1)
Output low voltage
V
OL
V
SS
0.45
V
I
OL =+ 2mA
2)
Output high voltage
V
OH
2.4
V
DD
V
I
OH =- 2 mA
2)
Average power
supply current
(analog line interface
mode)
I
DDE1
145
mA
E1 application
3)
LIM1.DRS=0
typ. 80
I
DDT1
145
mA
T1 application
4)
LIM1.DRS=0
typ. 80
Average power supply
current (digital line
interface mode)
I
DD
90
mA
LIM1.DRS=1
5)
typ. 50
Input leakage current
I
IL11
1
µA
V
IN =VDD
6);
all except RDO
Input leakage current
I
IL12
1
µA
V
IN =VSS
6);
all except RDO
Input pullup current
I
IP
215
µA
V
IN =VSS
Output leakage current
I
OZ1
1
µA
V
OUT = tristate
1)
V
SS < Vmeas < VDD
measured against
V
DD and VSS;
all except XL1/2
Transmitter leakage
current
I
TL
2.5
µA
XL1/2 = V
DDX;
XPM2.XLT = 1
2.5
µA
XL1/2 = V
SSX;
XPM2.XLT = 1
Transmitter output
impedance
R
X
3
Ω
applies to XL1and
XL2
7)
Transmitter output current
I
X
105
mA
XL1, XL2
Differential peak voltage of
a mark
(between XL1 and XL2)
V
X
2.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com