Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 443 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 443 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 439Page - Infineon Technologies AG PEB2256HT Datasheet HTML 440Page - Infineon Technologies AG PEB2256HT Datasheet HTML 441Page - Infineon Technologies AG PEB2256HT Datasheet HTML 442Page - Infineon Technologies AG PEB2256HT Datasheet HTML 443Page - Infineon Technologies AG PEB2256HT Datasheet HTML 444Page - Infineon Technologies AG PEB2256HT Datasheet HTML 445Page - Infineon Technologies AG PEB2256HT Datasheet HTML 446Page - Infineon Technologies AG PEB2256HT Datasheet HTML 447Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
443
2002-08-27
Receive Signaling Status Register 3 (Read)
Value after reset: 00
H
RSIS3 relates to the last received HDLC channel 3 frame; it is copied into RFIFO3 when
end-of-frame is recognized (last byte of each stored frame).
VFR3
Valid Frame - HDLC Channel 3
Determines whether a valid frame has been received.
1
=
Valid
0
=
Invalid
An invalid frame is either
– a frame which is not an integer number of 8 bits (n
×8 bits) in length
(e.g. 25 bits), or
– a frame which is too short taking into account the operation mode
selected via MODE3 (MDS3(2:0)) and the selection of receive CRC
ON/OFF (CCR4.RCRC3) as follows:
• MDS3(2:0)=011 (16 bit Address),
RCRC3=0: 4 bytes; RCRC3=1: 3 or 4 bytes
• MDS3(2:0)=010 (8 bit Address),
RCRC3=0: 3 bytes; RCRC3=1: 2 or 3 bytes
Note: Shorter frames are not reported.
RDO3
Receive Data Overflow - HDLC Channel 3
A data overflow has occurred during reception of the frame.
Additionally, an interrupt can be generated
(refer to ISR5.RDO3/IMR5.RDO3).
CRC163
CRC16 Compare/Check - HDLC Channel 3
0
= CRC check failed; received frame contains errors.
1
= CRC check o.k.; received frame is error-free.
RAB3
Receive Message Aborted - HDLC Channel 3
This bit is set, if more than 5 contiguous 1-bits are detected.
70
RSIS3
VFR3
RDO3
CRC163
RAB3
HA13
HA03
LA3
(9B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com