Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 470 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 470 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 466Page - Infineon Technologies AG PEB2256HT Datasheet HTML 467Page - Infineon Technologies AG PEB2256HT Datasheet HTML 468Page - Infineon Technologies AG PEB2256HT Datasheet HTML 469Page - Infineon Technologies AG PEB2256HT Datasheet HTML 470Page - Infineon Technologies AG PEB2256HT Datasheet HTML 471Page - Infineon Technologies AG PEB2256HT Datasheet HTML 472Page - Infineon Technologies AG PEB2256HT Datasheet HTML 473Page - Infineon Technologies AG PEB2256HT Datasheet HTML 474Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 490 page
background image
FALC56 V1.2
PEB 2256
Electrical Characteristics
Data Sheet
470
2002-08-27
Figure 101
FSC Timing
Table 85
FSC Timing Parameter Values
No.
Parameter
Limit Values
Unit
min.
typ.
max.
1FSC
1) period
1)
FSC can be programmed to be active high or active low (only the active low timing diagram is shown here)
125
µs
2
FSC high/low active time E1
488
ns
2
FSC high/low active time T1/J1
648
ns
3
RCLK to FSC delay
50
80
ns
4
SCLKR to FSC delay
50
80
ns
F0124
RCLK
SCLKR
(output)
3
4
2
1
FSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com