Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 473 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 473 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 469Page - Infineon Technologies AG PEB2256HT Datasheet HTML 470Page - Infineon Technologies AG PEB2256HT Datasheet HTML 471Page - Infineon Technologies AG PEB2256HT Datasheet HTML 472Page - Infineon Technologies AG PEB2256HT Datasheet HTML 473Page - Infineon Technologies AG PEB2256HT Datasheet HTML 474Page - Infineon Technologies AG PEB2256HT Datasheet HTML 475Page - Infineon Technologies AG PEB2256HT Datasheet HTML 476Page - Infineon Technologies AG PEB2256HT Datasheet HTML 477Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 490 page
background image
FALC56 V1.2
PEB 2256
Electrical Characteristics
Data Sheet
473
2002-08-27
11.4.7.2
Pulse Template T1
Figure 104
T1 Pulse Shape at the Cross Connect Point
Table 87
T1 Pulse Template at Cross Connect Point (T1.102
1))
1)
requirements of ITU-T G.703 are also fulfilled
Maximum Curve
Minimum Curve
Time [ns]
Level [%]
2)
2)
100 % value must be in the range of 2.4 V and 3.6 V;
tested at 0 ft. and 655 ft. using PIC 22AWG cable characteristics.
Time [ns]
Level [%]
05
0
-5
250
5
350
-5
325
80
350
50
325
115
400
95
425
115
500
95
500
105
600
90
675
105
650
50
725
-7
650
-45
1100
5
800
-45
1250
5
925
-20
1100
-5
1250
-5
ITD00574
%
100
=
V
50 %
0
-50 %
0
250
500
750
1000
ns
t
Normalized Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com