Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 169 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 169 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 165Page - Infineon Technologies AG PEB2256HT Datasheet HTML 166Page - Infineon Technologies AG PEB2256HT Datasheet HTML 167Page - Infineon Technologies AG PEB2256HT Datasheet HTML 168Page - Infineon Technologies AG PEB2256HT Datasheet HTML 169Page - Infineon Technologies AG PEB2256HT Datasheet HTML 170Page - Infineon Technologies AG PEB2256HT Datasheet HTML 171Page - Infineon Technologies AG PEB2256HT Datasheet HTML 172Page - Infineon Technologies AG PEB2256HT Datasheet HTML 173Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
169
2002-08-27
Figure 56
SYPR Offset Programming (1.544 Mbit/s, 1.544 MHz)
Figure 57
SYPR Offset Programming (6.176 Mbit/s, 6.176 MHz)
F0222A
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8
RDO
1 2 3 4 5 6 7
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8
TS0
TS1
TS24
TS0
TS1
SYPR
SCLKR
SIC3.RESR = 0
(falling edge)
SCLKR
SIC3.RESR = 1
(rising edge)
T = 0
SYPR
T
T
SYPR
F
F
F0222B
SYPR
SCLKR
SIC3.RESR = 0
(falling edge)
SCLKR
SIC3.RESR = 1
(rising edge)
T = 0
SYPR
T
T
SYPR
bit-interleaved (TS = time slot, CP = channel phase)
RDO (CP0)
1
2
3
TS24
TS0
RDO (CP1)
RDO (CP2)
F
F
F
F
RDO (CP3)
F
1
1
1
2
2
2
3
3
3
8
8
8
8
7
7
7
F
F
F
1
2
3
4
1
1
1
2
2
2
3
3
3
TS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com