Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 175 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 175 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 171Page - Infineon Technologies AG PEB2256HT Datasheet HTML 172Page - Infineon Technologies AG PEB2256HT Datasheet HTML 173Page - Infineon Technologies AG PEB2256HT Datasheet HTML 174Page - Infineon Technologies AG PEB2256HT Datasheet HTML 175Page - Infineon Technologies AG PEB2256HT Datasheet HTML 176Page - Infineon Technologies AG PEB2256HT Datasheet HTML 177Page - Infineon Technologies AG PEB2256HT Datasheet HTML 178Page - Infineon Technologies AG PEB2256HT Datasheet HTML 179Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
175
2002-08-27
Figure 65
2.048 MHz Transmit Signaling Clocking (T1/J1)
Figure 66
1.544 MHz Transmit Signaling Highway (T1/J1)
F0136
A B C D
4 5 6 7
0 1 2 3 4 5 6 7
TS31
TS0
TS1
XSIG
XDI
SCLKX
SYPX
T
125 µs
T
= Time slot offset (RC0, RC1)
F
= FS/DL-bit
ABCD
= Signaling bits for time slots 1...24,
time slot mapping according to channel translation mode 0,
read only during last frame of a multiframe
F
A B C D
0 1 2 3 4 5 6 7
TS2
A B C D
0 1 2 3 4 5 6 7
TS3
A B C D
TS4
A B C D
FS/DL-
channel
Idle-channel
0 1 2 3
F0137
A B C D
4 5 6 7
0 1 2 3 4 5 6 7
TS23
TS0
TS1
A B C D
0 1 2 3 4 5 6 7
TS23
XSIG
XDI
SCLKX
SYPX
T
125 µs
T
= Time slot offset (RC0, RC1)
F= FS/DL-bit
ABCD
= ESF signaling bits for time slots 1...23
read only during last frame of a multiframe,
ABAB
= F12 signaling bits for time slots 1...23
read only during last frame of a multiframe (bit positions 4/5)
0 1 2 3 4 5 6 7
A B C D
A B C D
F
F
F
F
ESF
F12
A B A B
A B A B
XSIG
A B A B
A B A B
F
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com