Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 178 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 178 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 174Page - Infineon Technologies AG PEB2256HT Datasheet HTML 175Page - Infineon Technologies AG PEB2256HT Datasheet HTML 176Page - Infineon Technologies AG PEB2256HT Datasheet HTML 177Page - Infineon Technologies AG PEB2256HT Datasheet HTML 178Page - Infineon Technologies AG PEB2256HT Datasheet HTML 179Page - Infineon Technologies AG PEB2256HT Datasheet HTML 180Page - Infineon Technologies AG PEB2256HT Datasheet HTML 181Page - Infineon Technologies AG PEB2256HT Datasheet HTML 182Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
178
2002-08-27
FS/DL data on system transmit highway (XDI), time slot 0:
Figure 69
Transmit FS/DL Bits on XDI (T1/J1)
5.5.2.1
Transmit Offset Programming
The pulse length of SYPR and RFM is always the basic T1/J1 bit width (648 ns) in 1.544-
MHz mode or the E1 bit width (488 ns) in 2.048-MHz mode.
This chapter describes the system highway operation in 1.544-MHz mode only. If the
system highway is operated in 2.048-MHz mode, the description given in
Chapter 4.5.2.1 on page 111 applies.
SYPX Offset Calculation
T:
Time between the active edge of SCLKX after SYPX pulse begin and beginning
of the next frame (F-bit, channel phase 0), measured in number of SCLKX clock
intervals; maximum delay: T
max =(200 × SC/BF)-(7 × SC/BF)-1
BF:
Basic frequency; 1.544 Mbit/s
SC:
System clock rate; 1.544, 3.088, 6.176, or 12.352 MHz
X:
Programming value to be written to registers RC0 and RC1 (see page 356).
0
≤ T ≤ 4:
X = 3 - T + (7
× SC/BF)
5
≤ T ≤ T
max: X = (200 × SC/BF)-T+ 3
ITD06460
12
3
4
5
6
7
8
FS/DL Time-Slot
MSB
LSB
FS/DL Data Bit
FS/DL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com