Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 109 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 109 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 105Page - Zilog, Inc. Z80 Datasheet HTML 106Page - Zilog, Inc. Z80 Datasheet HTML 107Page - Zilog, Inc. Z80 Datasheet HTML 108Page - Zilog, Inc. Z80 Datasheet HTML 109Page - Zilog, Inc. Z80 Datasheet HTML 110Page - Zilog, Inc. Z80 Datasheet HTML 111Page - Zilog, Inc. Z80 Datasheet HTML 112Page - Zilog, Inc. Z80 Datasheet HTML 113Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

chapter. It is not possible for the DMA to program itself by directing
transfers of control bytes from memory to its own internal registers.
When DMA interrupt vectors are used in a Z80 environment, the Z80 CPU
should be programmed for Mode-2 maskable interrupts.
Table 13. DMA Status
DISABLED
ENABLED
ACTIVE
Inactive (Stopped) Suspended Operating
Description
DMA cannot request the bus (cannot pull
its BUSREQ input to CPU low).
DMA can request the bus
and may have had the bus
immediately prior to this
state, but it is not
currently the bus master.
DMA is bus
master but no
operations are
taking place.
DMA is bus master
and is transferring and/
or searching in one of
three modes: Byte,
Burst, or Continuous
Can the CPU
write DMA
control bytes
or read DMA
status bytes?
Yes
Yes, but first write a
DISABLE DMA
command
No
No
External
actions that
cause the
state
Power-down
End-of-block in any
mode, except with Auto
Restart. Byte Match in
any mode. Byte or Burst
mode BAI line inactive.
Loss of power.
RDY line
inactive in
Continuous
mode.
RDY line active in
Burst mode, if DMA is
enabled. RETI
instruction fetched by
CPU, if DMA is
enabled and RDY line
is active.
DMA
commands
(WR6 control
bytes)
causing the
state
Any command except the ENABLE DMA
command. (And the REINITIALIZE
STATUS BYTE command, if it is not
preceded by another command.) The
DISABLE DMA command is specifically
designed for this situation.
ENABLE DMA if RDY
line is inactive and the
FORCE READY
command is not used.
ENABLE
DMA, if RDY
line is inactive
in Continuous
mode.
ENABLE DMA, if
RDY is active or the
FORCE is used and
the command is
outside an interrupt
service routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com