Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 113 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 113 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 109Page - Zilog, Inc. Z80 Datasheet HTML 110Page - Zilog, Inc. Z80 Datasheet HTML 111Page - Zilog, Inc. Z80 Datasheet HTML 112Page - Zilog, Inc. Z80 Datasheet HTML 113Page - Zilog, Inc. Z80 Datasheet HTML 114Page - Zilog, Inc. Z80 Datasheet HTML 115Page - Zilog, Inc. Z80 Datasheet HTML 116Page - Zilog, Inc. Z80 Datasheet HTML 117Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Figure 40.
Write Register 0 Group
Block Length
All operations must have a declared block length because the default values
at power-up are unpredictable for block length. These registers are written
to by setting pointer bits 5 and 6 in the WR0 base register byte. The block
length can be up to 64 Kbytes. Due to the pipelining method of reading in
data, the number of bytes actually searched or transferred may be one or
two more than the number entered here. “Address and Byte Counting” on
page 75 in “Internal Structure” on page 71 describes this (Table 11).
Programming a block length of zero results in the transfer or search of 216
+ 1 bytes. Therefore, the shortest block length that can be entered is 1,
which usually results in a transfer or search of two bytes (Table 12).
D7 D6 D5 D4 D3 D2 D1 D0
Base Register Byte
Port A starting address (Low Byte)
Port A starting address (High Byte)
Block length (Low Byte)
Block length (High Byte)
00
0
1
1
1
0
1
Do not use
=Transfer
=Search
= Search/Transfer
0 =PortB
→ Port A
0 =PortA
→ Port B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com