Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 242 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 242 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 238Page - Zilog, Inc. Z80 Datasheet HTML 239Page - Zilog, Inc. Z80 Datasheet HTML 240Page - Zilog, Inc. Z80 Datasheet HTML 241Page - Zilog, Inc. Z80 Datasheet HTML 242Page - Zilog, Inc. Z80 Datasheet HTML 243Page - Zilog, Inc. Z80 Datasheet HTML 244Page - Zilog, Inc. Z80 Datasheet HTML 245Page - Zilog, Inc. Z80 Datasheet HTML 246Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
222
ARCHITECTURE
Overview
The device internal structure includes a Z80 CPU interface, internal control
and interrupt logic, and two full-duplex channels. Associated with each
channel are read and write registers, and discrete control and status logic
that provides the interface to modems or other external devices.
The read and write register group includes five 8-bit control registers, two
sync-character registers, and two status registers. The interrupt vector is
written into an additional 8-bit register (Write Register 2) in Channel B that
may be read through Read Register 2 in Channel B. The registers for both
channels are designated as follows:
WR7–WR0 — Write Registers 0 through 7
RR2–RR0 — Read Registers 0 through 2
The bit assignment and functional grouping of each register is configured to
simplify and organize the programming process. Table 1 and Table 2 illus-
trate the functions assigned to each read or write register.
The logic for both channels provides formats, synchronization, and valida-
tion for data transferred to and from the channel interface. The modem
control inputs Clear to Send (CTS) and Data Carrier Detect (DCD)are
monitored by the discrete control logic under program control. All the
modem control signals are general purpose and can be used for functions
other than modem control.
For automatic interrupt vectoring, the interrupt control logic determines
which channel and which device within the channel has the highest priority.
Priority is fixed with Channel A assigned a higher priority than Channel B;
Receive, Transmit and External/Status interrupts are prioritized in that
order within each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com