Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 243 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 243 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 239Page - Zilog, Inc. Z80 Datasheet HTML 240Page - Zilog, Inc. Z80 Datasheet HTML 241Page - Zilog, Inc. Z80 Datasheet HTML 242Page - Zilog, Inc. Z80 Datasheet HTML 243Page - Zilog, Inc. Z80 Datasheet HTML 244Page - Zilog, Inc. Z80 Datasheet HTML 245Page - Zilog, Inc. Z80 Datasheet HTML 246Page - Zilog, Inc. Z80 Datasheet HTML 247Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
223
Data Path
The transmit and receive data path for each channel is depicted in
Figure 109. The receiver contains three 8-bit buffer registers in a FIFO
arrangement (to provide a 3-byte delay) in addition to the 8-bit receive shift
register. This arrangement creates additional time for the CPU to service an
interrupt at the beginning of a block of high-speed data. The receive error
FIFO stores parity and framing errors and other types of status information
for each of the three bytes in the receive data FIFO.
Incoming data is routed through one of several paths depending on the
mode and character length. In the Asynchronous mode, serial data is
Table 1. Write Register Functions
Bit
Function
WR0
Register pointers, CRC initialize, initialization commands for the
various modes and more
WR1
Transmit/Receive interrupt and data transfer mode definition
WR2
Interrupt vector (Channel B only)
WR3
Receive parameters and controls
WR4
Transmit/Receive miscellaneous parameters and modes
WR5
Transmit parameters and controls
WR6
Sync character or SDLC address field
WR7
Sync character or SDLC flag
Table 2. Read Register Functions
Bit
Function
RR0
Transmit/Receive buffer status, interrupt status, and external status
RR1
Special Receive Condition status
RR2
Modified interrupt vector (Channel B only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com