Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 246 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 246 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 242Page - Zilog, Inc. Z80 Datasheet HTML 243Page - Zilog, Inc. Z80 Datasheet HTML 244Page - Zilog, Inc. Z80 Datasheet HTML 245Page - Zilog, Inc. Z80 Datasheet HTML 246Page - Zilog, Inc. Z80 Datasheet HTML 247Page - Zilog, Inc. Z80 Datasheet HTML 248Page - Zilog, Inc. Z80 Datasheet HTML 249Page - Zilog, Inc. Z80 Datasheet HTML 250Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
226
Figure 109. Transmit and Receive Data Path
Functional Description
The functional capabilities of the Z80 SIO are described in two ways: as a
data communications device, and as a Z80 family peripheral.
As a data communications device, The S80 SIO transmits and receives
serial data, and meets the requirements of various data communications
protocols. As a Z80 family peripheral, it interacts with the Z80 CPU and
other Z80 peripheral, circuits, and shares their data, address and control
Receive
Error
Logic
I/O Data Buffer
CPU I/O
Internal Data Bus
Receive
Clock
Logic
ASYNC Data
CRC Delay
Register
(8 Bits)
SYNC-
CRC
RxDA
RxCA
Hunt Mode (BISYNC)
3Bits
1-Bit
Delay
CRC
Checker
SYNC
SDLC-CRC
CRC Result
SYNC-CRC
Transmit
Clock Logic
SYNC Data
SDLC-CRC
ASYNC Data
Transmit
Multiplexer
and
TxDA
TxCA
20-Bit Transmit Shift Register
Start Bit
Transmit
WR7
SYNC
and Zero
Delay
Register
WR6
SYNC
Register
Data
SDLC Data
CRC
Generator
2-Bit
Zero
(5 Bits)
Insert
Register
Delete
Receive
S.R.
(8 Bits)
Receive
Error
FIFO
Receive
Error
FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com