Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 261 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 261 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 257Page - Zilog, Inc. Z80 Datasheet HTML 258Page - Zilog, Inc. Z80 Datasheet HTML 259Page - Zilog, Inc. Z80 Datasheet HTML 260Page - Zilog, Inc. Z80 Datasheet HTML 261Page - Zilog, Inc. Z80 Datasheet HTML 262Page - Zilog, Inc. Z80 Datasheet HTML 263Page - Zilog, Inc. Z80 Datasheet HTML 264Page - Zilog, Inc. Z80 Datasheet HTML 265Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
241
Monosync mode, the transmitter transmits from WR6; the receiver
compares against WR7.
In the Monosync, Bisync, and External Sync modes, assembly of received
data continues until the Z80 SIO is reset, or until the receiver is disabled (by
command or by DCD in the Auto Enables mode), or until the CPU sets the
Enter Hunt Phase bit.
After initial synchronization has been achieved, the operation of the Mono-
sync, Bisync, and External Sync modes is similar. Any differences are spec-
ified in the following text.
Table 5 describes how WR3, WR4, and WR5 are used in synchronous
receive and transmit operations. WR0 points to other registers and issues
various commands, WR1 defines the interrupt modes, WR2 stores the
interrupt vector, and WR6 and WR7 store sync characters. Table 6 illus-
trates the typical program steps that implement a half-duplex Bisync
transmit operation.
Table 5. Contents of Write Registers 3, 4, and 6 In Synchronous Modes
Bit7
Bit 6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
WR
3
00 = Ax 5 Bits/char
10 = Rx 6 Bits/char
01 = Rx 7 Bits/char
11 = Rx8Bits/char
Auto
Enables
Enter Hunt
Mode
Rx CRC
Enable
0
Sync char
load
inhibit
Rx
Enable
WR
4
0
0
00 = 8-bit Sync Char
01 = 16-bit Sync Char
10 = SDLC Mode
11 = Ext Sync Mode
0
Selects
Sync
Modes
0
Selects
Sync
Modes
Even/Odd
Parity
Parity
Enable
WR
5
DTR
00= Tx 5Bits (or less)/
char
10 = Tx 6 Bits/char
01 = Tx 7 Bits/char
11 = Tx 8 Bits/char
Send
Break
Tx Enable 1
Selects
CRC-16
RTS
Tx CRC
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com