Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 272 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 272 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 268Page - Zilog, Inc. Z80 Datasheet HTML 269Page - Zilog, Inc. Z80 Datasheet HTML 270Page - Zilog, Inc. Z80 Datasheet HTML 271Page - Zilog, Inc. Z80 Datasheet HTML 272Page - Zilog, Inc. Z80 Datasheet HTML 273Page - Zilog, Inc. Z80 Datasheet HTML 274Page - Zilog, Inc. Z80 Datasheet HTML 275Page - Zilog, Inc. Z80 Datasheet HTML 276Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
252
CRC character has been loaded to the receive buffer, or 20 times (the
previous 16 plus 3-bit buffer delay and 1-bit input delay) after the last bit
is at the RxD input, before CRC calculation is complete. A faster external
clock can be gated to the Receive Clock input to supply the required 16
cycles. The Transmit and Receive Data Path diagram (Figure 109) illus-
trates the various points of delay in the CRC path.
The typical program steps that implement a half-duplex Bisync Receive
mode are illustrated in Table 7. The complete set of command and status
bit definitions are explained under “Programming” on page 272.
Table7.BisyncReceive Mode
Function
Typical Program Steps
Comments
Register Information Loaded
Initialize WR0
Channel Reset, Reset Receive CRC
Checker
Reset SIO; initialize receive CRC
checker
WR0
Pointer 2
WR2
Interrupt Vector
Channel B only
WR0
Pointer 4
WR4
Parity Information, Sync Modes
Information, Clock Mode
Issue Receive Parameters
WR0
Pointer 5, Reset External Status
Interrupt
WR5
Bisync CRC-16, Data Terminal Ready
WR0
Pointer 3
WR3
Sync Character Load Inhibit, Receive
CRC Enable; Enter Hunt Mode, Auto
Enables, Receive Character Length
Sync Character Load Inhibit strips all
the leading sync characters at the
beginning of the message. Auto Enables
enables the receiver to accept data only
after the DCD input is active.
WR0
Pointer 6
WR6
Sync Character 1
WR0
Pointer 7
WR7
Sync Character 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com