Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 273 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 273 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 269Page - Zilog, Inc. Z80 Datasheet HTML 270Page - Zilog, Inc. Z80 Datasheet HTML 271Page - Zilog, Inc. Z80 Datasheet HTML 272Page - Zilog, Inc. Z80 Datasheet HTML 273Page - Zilog, Inc. Z80 Datasheet HTML 274Page - Zilog, Inc. Z80 Datasheet HTML 275Page - Zilog, Inc. Z80 Datasheet HTML 276Page - Zilog, Inc. Z80 Datasheet HTML 277Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
253
WR0
Pointer 1, Reset External/Status
Interrupt
WR1
Status Affects Vector, External
Interrupt Enable, Receive Interrupt on
first character only
In this interrupt mode, only the first
non-sync data character is transferred to
the CPU. All subsequent data is
transferred on a DMA basis; however,
special receive condition interrupts
interrupt the CPU. status affects vector
used in Channel B only.
WR0
Pointer 3, Enable Interrupt on next
Receive character
Resetting this Interrupt Mode provides
simple program loopback entry for the
next transaction.
WR3
Receive Enable, sync character load
inhibit, enter Hunt Mode Auto Enable,
receive word length
WR3 is reissued to enable receiver;
receive CRC enable must be set after
receiving SOH or STX character.
Idle Mode
Execute Halt Instruction or some other
program
Receive mode is fully initialized and the
system is waiting for interrupt on first
character.
Table 7. Bisync Receive Mode (Continued)
Function
Typical Program Steps
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com