Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 45 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 41Page - Texas Instruments TAS3004 Datasheet HTML 42Page - Texas Instruments TAS3004 Datasheet HTML 43Page - Texas Instruments TAS3004 Datasheet HTML 44Page - Texas Instruments TAS3004 Datasheet HTML 45Page - Texas Instruments TAS3004 Datasheet HTML 46Page - Texas Instruments TAS3004 Datasheet HTML 47Page - Texas Instruments TAS3004 Datasheet HTML 48Page - Texas Instruments TAS3004 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
6–5
6.4.3
Wait States
If separate I2C/SMBus commands are sent too frequently, the TAS3004 device can generate a bus wait state. This
happens when the device is busy while performing smoothing operations and changing volume, bass, and treble.
The wait occurs after the bus acknowledge on the first data byte and can exceed the maximum allowable time allowed
according to the SMBus specification (worst case 200 ms).
The following is a possible bus wait state scenario:
CODE
Start
68
84
06
01
00
00
01
00
00
Stop
ACTUAL
Start
68
84
06
01
Wait†
00
00
01
00
00
Stop
† If the master does not recognize bus waiting or if the master times out on a long wait, the master must not send consecutive I2C/SMBus commands
without a time interval of 200 ms between transactions.
6.4.4
TAS3004 SMBus Readback
The TAS3004 device supports a subset of SMBus readback. When an SMBus read command is sent to the device
(LSB = high), it answers with the subaddress and the last six bytes written.
SMBus
Command
Byte
Byte
Count
SENT
Start
69h
xxh
07h
Stop
RECEIVED
Start
07h
aah
ddh
ddh
ddh
ddh
ddh
ddh
Stop
Byte
Count
Where:
xxh
= Command byte, it is a don’t care because the response contains only the subaddress and the
last six bytes of data written to the TAS3004 device
aah
= The last subaddress accessed in the device
ddh
= Data bytes from the TAS3004 device
NOTE: Use read sequence defined in 6.3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com