| Electronic Components Datasheet Search |
|
TAS3004 Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3004 Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 80 page ![]() 2–1 2 Audio Data Formats 2.1 Serial Interface Formats The TAS3004 device works in master or slave mode. In the master mode, terminal 21 (IFM/S) is tied high. This activates the master clock (MCLK) circuitry. A crystal can be connected across terminals 13 (XTALI/MCLK) and 14 (XTALO), or an external, TTL-compatible MCLK can be connected to XTALI/MCLK. In that case, MCLK outputs from terminal 12 (MCLKO) with terminals 19 (LRCLK/O) and 20 (SCLK/O) becoming outputs to drive slave devices. In the slave mode, IFM/S is tied low. LRCLK/O and SCLK/O are inputs and the interface operates as a slave device requiring externally supplied MCLK, LRCLK (left/right clock), and SCLK (shift clock) inputs. There are two options for selecting the clock rates. If the 512fS MCLK rate is selected, terminal 11 (CLKSEL) is tied high and an MCLK rate of 512fS must be supplied. If the 256fS MCLK is selected, CLKSEL is tied low and an MCLK of 256fS must be supplied. In both cases, an LRCLK of 64SCLK must be supplied. • MCLK and SCLK must be synchronous and their edges must be at least 3 ns apart. • If the LRCLK phase changes more than 10MCLK, the codec automatically resets. The TAS3004 device is compatible with 13 different serial interfaces. Available interface options are I2S, right justified, and left justified. Table 2–1 indicates how the 13 options are selected using the I2C bus and the main control register (MCR, I2C address x01h). All serial interface options at either 16, 18, 20, or 24 bits operate with SCLK at 64fS. Additionally, the 16-bit mode operates at 32fS. Table 2–1. Serial Interface Options MODE MCR BIT (6) MCR BIT (5–4) MCR BIT (1–0) SERIAL INTERFACE SDIN1, SDIN2, SDOUT1, SDOUT2, AND SDOUT0 0 0 00 00 16-bit, left justified, 32fS 1 1 00 00 16-bit, left justified, 64fS 2 1 01 00 16-bit, right justified, 64fS 3 1 10 00 16-bit, I2S, 64fS 4 1 00 01 18-bit, left justified, 64fS 5 1 01 01 18-bit, right justified, 64fS 6 1 10 01 18-bit, I2S, 64fS 7 1 00 10 20-bit, left justified, 64fS 8 1 01 10 20-bit, right justified, 64fS 9 1 10 10 20-bit, I2S, 64fS 10 1 00 11 24-bit, left justified, 64fS 11 1 01 11 24-bit, right justified, 64fS 12 1 10 11 24-bit, I2S, 64fS Figure 2–1 through Figure 2–9 illustrate the relationship between the SCLK, LRCLK, and the serial data I/O for the different interface protocols. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |