Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 73 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 69Page - Texas Instruments TAS3004 Datasheet HTML 70Page - Texas Instruments TAS3004 Datasheet HTML 71Page - Texas Instruments TAS3004 Datasheet HTML 72Page - Texas Instruments TAS3004 Datasheet HTML 73Page - Texas Instruments TAS3004 Datasheet HTML 74Page - Texas Instruments TAS3004 Datasheet HTML 75Page - Texas Instruments TAS3004 Datasheet HTML 76Page - Texas Instruments TAS3004 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
A–7
A.4 Bass Control Register Command
Both left and right channel are given the same bass gain setting.
Device ID
Subaddress
B(7–0)
For example, if bass gain = 5 dB, then the command is:
68
06
2B
Table A–7. Bass Control Register
GAIN (dB)
B(7–0)
(hex)
GAIN (dB)
B(7–0)
(hex)
GAIN (dB)
B(7–0)
(hex)
GAIN (dB)
B(7–0)
(hex)
GAIN (dB)
B(7–0)
(hex)
18.0
0x01
10.5
0x4C
3.0
0x6A
–4.5
0x7B
–12.0
0x8A
17.5
0x0A
10.0
0x4F
2.5
0x6B
–5.0
0x7C
–12.5
0x8B
17.0
0x11
9.5
0x52
2.0
0x6D
–5.5
0x7D
–13.0
0x8C
16.5
0x18
9.0
0x55
1.5
0x6E
–6.0
0x7E
–13.5
0x8D
16.0
0x1E
8.5
0x58
1.0
0x6F
–6.5
0x7F
–14.0
0x8E
15.5
0x24
8.0
0x5B
0.5
0x71
–7.0
0x80
–14.5
0x8F
15.0
0x29
7.5
0x5D
0.0
0x72
–7.5
0x81
–15.0
0x90
14.5
0x2E
7.0
0x5F
–0.5
0x73
–8.0
0x82
–15.5
0x91
14.0
0x33
6.5
0x61
–1.0
0x74
–8.5
0x83
–16.0
0x92
13.5
0x37
6.0
0x62
–1.5
0x75
–9.0
0x84
–16.5
0x93
13.0
0x3B
5.5
0x63
–2.0
0x76
–9.5
0x85
–17.0
0x94
12.5
0x3F
5.0
0x65
–2.5
0x77
–10.0
0x86
–17.5
0x95
12.0
0x43
4.5
0x66
–3.0
0x78
–10.5
0x87
–18.0
0x96
11.5
0x46
4.0
0x67
–3.5
0x79
–11.0
0x88
11.0
0x49
3.5
0x69
–4.0
0x7A
–11.5
0x89
A.5 I2C Mixer Register Command
The gain error is less than 0.12 dB, excluding mute.
Device ID
Subaddress
Mixer1
Mixer2
ADC Mixer
For example, if Sdin1 Mix = +6dB, Sdin2 Mix = 0dB, and ADC Mix = Mute, then the command is:
Left
68
07
1F EC 98
10 00 00
00 00 00
Right
68
08
1F EC 98
10 00 00
00 00 00
Even if only one of the mixers needs to be changed, the whole command must be sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com