Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 19 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 15Page - Texas Instruments TAS3004 Datasheet HTML 16Page - Texas Instruments TAS3004 Datasheet HTML 17Page - Texas Instruments TAS3004 Datasheet HTML 18Page - Texas Instruments TAS3004 Datasheet HTML 19Page - Texas Instruments TAS3004 Datasheet HTML 20Page - Texas Instruments TAS3004 Datasheet HTML 21Page - Texas Instruments TAS3004 Datasheet HTML 22Page - Texas Instruments TAS3004 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
2–5
2.3.1
MSB First, Right-Justified Serial Interface Format—Monaural ADC Mode, B Left Input
Selected
The monaural output mode for the MSB first, right-justified serial interface format is for 16, 18, 20, and 24 bits with
the following bits in the analog control register set as shown:
•
Bit 7 (ADM) is set to 1.
•
Bit 6 (LRB) is cleared to 0.
•
Bit 1 (INP) is set to 1.
Figure 2–4 shows the following characteristics of this protocol:
•
Left channel is transmitted when LRCLK is either high or low.
•
The SDIN(s) (recorded) data is justified to the trailing edge of the LRCLK.
•
The SDOUT(s) MSB (playback) data is transmitted at the same time as LRCLK edge and captured at the
next rising edge of SCLK.
•
If LRCLK phase changes by more than 10MCLK, the codec automatically resets.
SCLK
LRCLK = fS
MSB
LSB
……
……
…… MSB
LSB
……
SDIN
MSB
LSB
……
…… MSB
LSB
……
Left Channel
Left Channel
SDOUT0
……
Figure 2–4.
MSB First, Right-Justified Serial Interface Format—Monaural ADC Mode, B Left Input
Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com