Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 77 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 72Page - Texas Instruments TAS3004 Datasheet HTML 73Page - Texas Instruments TAS3004 Datasheet HTML 74Page - Texas Instruments TAS3004 Datasheet HTML 75Page - Texas Instruments TAS3004 Datasheet HTML 76Page - Texas Instruments TAS3004 Datasheet HTML 77Page - Texas Instruments TAS3004 Datasheet HTML 78Page - Texas Instruments TAS3004 Datasheet HTML 79Page - Texas Instruments TAS3004 Datasheet HTML 80Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
A–11
Table A–12. Above Threshold Ratios for Expansion
HEXADECIMAL VALUE
RATIO (IN:OUT)
02
1 : 1.00
0A
1 : 1.06
12
1 : 1.13
1A
1 : 1.19
22
1 : 1.25
2A
1 : 1.31
32
1 : 1.38
3A
1 : 1.44
42
1 : 1.50
A.7.3
Below Threshold Ratios
The below threshold ratios are applied when the energy level of the incoming signal is detected as being anywhere
between the threshold (from Table A–15) and –89.625 dB. See Figure A–1.
Table A–13. Below Threshold Ratios for Expansion
HEXADECIMAL VALUE
RATIO (IN:OUT)
02
1 : 1.00
08
1 : 1.06
10
1 : 1.13
18
1 : 1.19
20
1 : 1.25
28
1 : 1.31
30
1 : 1.38
38
1 : 1.44
40
1 : 1.50
48
1 : 1.56
50
1 : 1.63
58
1 : 1.69
60
1 : 1.75
68
1 : 1.81
70
1 : 1.88
78
1 : 1.94
80
1 : 2.00
Table A–14. Below Threshold Ratios for Compression
HEXADECIMAL VALUE
RATIO (IN:OUT)
02
1.00 : 1
0A
1.07 : 1
12
1.14 : 1
1A
1.23 : 1
22
1.33 : 1
2A
1.45 : 1
32
1.60 : 1
3A
1.78 : 1
42
2.00 : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com