Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 62 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 58Page - Texas Instruments TAS3004 Datasheet HTML 59Page - Texas Instruments TAS3004 Datasheet HTML 60Page - Texas Instruments TAS3004 Datasheet HTML 61Page - Texas Instruments TAS3004 Datasheet HTML 62Page - Texas Instruments TAS3004 Datasheet HTML 63Page - Texas Instruments TAS3004 Datasheet HTML 64Page - Texas Instruments TAS3004 Datasheet HTML 65Page - Texas Instruments TAS3004 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
8–6
8.10 I2C Serial Port Timing Characteristics
MIN
MAX
UNIT
fscl
SCL clock frequency
0
100
kHz
tbuf
Bus free time between start and stop
4.7
µs
tlow
Low period of SCL clock
4.7
µs
thigh
High period of SCL clock
4.0
µs
thdsta
Hold time repeated start
4.0
µs
tsusta
Setup time repeated start
4.7
20
µs
thddat
Data hold time (See Note 6)
0
µs
tsudat
Data setup time
250
ns
tr
Rise time for SDA and SCL
1000
ns
tf
Fall time for SDA and SCL
300
ns
tsusto
Setup time for stop condition
4.0
µs
Cb
Capacitive load for each bus line
400
pF
NOTE 6: A device must internally provide a hold time of at least 300 ns for the SDA signal to bridge the undefined region of the falling edge of
SCL.
SDA
PS
Valid
Change
of Data
Allowed
P
SCL
tBUF
tHD(STA)
tr
tHD(DAT)
tf
tHD(STA)
tsu(DAT)
tsu(STA)
tsu(STO)
Data
Line
Stable
NOTE: tlow is measured from the end of tf to the beginning of tr.
thigh is measured from the end of tr to the beginning of tf.
Figure 8–7. I2C Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com