Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 12Page - Texas Instruments TAS3004 Datasheet HTML 13Page - Texas Instruments TAS3004 Datasheet HTML 14Page - Texas Instruments TAS3004 Datasheet HTML 15Page - Texas Instruments TAS3004 Datasheet HTML 16Page - Texas Instruments TAS3004 Datasheet HTML 17Page - Texas Instruments TAS3004 Datasheet HTML 18Page - Texas Instruments TAS3004 Datasheet HTML 19Page - Texas Instruments TAS3004 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
2–2
2.2
ADC Digital Output Modes
ADC digital output mode (SDOUT0) has two operational modes, normal and monaural. In the normal mode, the
output of the ADC conforms to the output modes described in Sections 2.2.1 through 2.2.3. To enter the normal output
mode, bit 7 (ADM) in the analog control register must be cleared to 0. In the monaural output mode, the digital output
of the ADC conforms to the output modes described in Sections 2.3.1 through 2.3.6. To enter the monaural mode,
bit 7 (ADM) in the analog control register must be set to 1.
2.2.1
MSB First, Right-Justified Serial Interface Format—Normal Mode
The normal output mode for the MSB first, right-justified serial interface format is for 16, 18, 20, and 24 bits with bit 7
(ADM) in the analog control register cleared to 0. Figure 2–1 shows the following characteristics of this protocol:
•
Left channel is transmitted when LRCLK is high.
•
The SDIN(s) (recorded) data is justified to the trailing edge of the LRCLK.
•
The SDOUT(s) MSB (playback) data is transmitted at the same time as LRCLK edge and captured at the
next rising edge of SCLK.
•
If LRCLK phase changes by more than 10MCLK, the codec automatically resets.
SCLK
LRCLK = fS
MSB
LSB
……
……
…… MSB
LSB
……
SDIN
MSB
LSB
……
…… MSB
LSB
……
Left Channel
Right Channel
SDOUT
……
Figure 2–1. MSB First, Right-Justified Serial Interface Format—Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com