Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 18 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 14Page - Texas Instruments TAS3004 Datasheet HTML 15Page - Texas Instruments TAS3004 Datasheet HTML 16Page - Texas Instruments TAS3004 Datasheet HTML 17Page - Texas Instruments TAS3004 Datasheet HTML 18Page - Texas Instruments TAS3004 Datasheet HTML 19Page - Texas Instruments TAS3004 Datasheet HTML 20Page - Texas Instruments TAS3004 Datasheet HTML 21Page - Texas Instruments TAS3004 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
2–4
2.2.3
MSB Left-Justified Serial Interface Format—Normal Mode
The normal output mode for the MSB left-justified serial interface format is for 16, 18, 20, and 24 bits with bit 7 (ADM)
in the analog control register cleared to 0.
Figure 2–3 shows the following characteristics of this protocol:
•
Left channel is transmitted when LRCLK is high.
•
The SDIN data is justified to the leading edge of the LRCLK.
•
The MSBs are transmitted at the same time as LRCLK edge and captured at the next rising edge of SCLK.
SCLK
LRCLK = fS
MSB
LSB
…… MSB
LSB
……
SDIN
MSB
LSB
…… MSB
LSB
……
Left Channel
Right Channel
SDOUT
……
……
……
……
Figure 2–3. MSB Left-Justified Serial Interface Format—Normal Mode
2.3
ADC Digital Output Mode—Monaural
For the monaural ADC digital output mode, bit 7 (ADM) is set to 1, and bit 6 (LRB) and bit 1 (INP) in the analog control
register (see Section 4.8, Analog Control Register Operation) control the operation of the monaural output mode. All
interface formats are for 16, 18, 20, and 24 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com