Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 33 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 29Page - Texas Instruments TAS3004 Datasheet HTML 30Page - Texas Instruments TAS3004 Datasheet HTML 31Page - Texas Instruments TAS3004 Datasheet HTML 32Page - Texas Instruments TAS3004 Datasheet HTML 33Page - Texas Instruments TAS3004 Datasheet HTML 34Page - Texas Instruments TAS3004 Datasheet HTML 35Page - Texas Instruments TAS3004 Datasheet HTML 36Page - Texas Instruments TAS3004 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
4–3
4.6
Bass Control
The bass gain level can be adjusted within the range of 15 dB to –15 dB with 0.5-dB step resolution. The level changes
are accomplished by downloading bass codes (shown in Appendix A) into the bass frequency control register.
Alternately, a limited range of bass control is available by asserting the GPI terminals.
Bass control is a shelf filter with a corner frequency of 250 Hz at a 48-kHz sample rate.
The gain values for bass control can be found in Section A.4.
4.7
De-Emphasis (DM)
De-emphasis is implemented in the DAC and is software controlled. De-emphasis is valid at 44.1 kHz and 48 kHz.
To enable de-emphasis, values are written into the analog control register via the I2C command. See Section 4.8 for
analog control register operation.
Figure 4–2 illustrates the frequency response of the de-emphasis mode.
Response (dB)
3.18
(50
µs)
10.6
(15
µs)
Frequency (kHz)
De-Emphasis
Figure 4–2. De-Emphasis Mode Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com