Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 12 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 8Page - Texas Instruments TAS3004 Datasheet HTML 9Page - Texas Instruments TAS3004 Datasheet HTML 10Page - Texas Instruments TAS3004 Datasheet HTML 11Page - Texas Instruments TAS3004 Datasheet HTML 12Page - Texas Instruments TAS3004 Datasheet HTML 13Page - Texas Instruments TAS3004 Datasheet HTML 14Page - Texas Instruments TAS3004 Datasheet HTML 15Page - Texas Instruments TAS3004 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
1–4
1.4
Terminal Assignments
14 15
NC
AVDD
NC
GPI5
GPI4
GPI3
GPI2
GPI1
GPI0
ALLPASS
SDOUT1
SDOUT0
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
LINA
VRFILT
AVSS(REF)
AVSS
INPA
RESET
CS1
PWR_DN
TEST
CAP_PLL
CLKSEL
MCLKO
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PACKAGE
(TOP VIEW)
Figure 1–2. TAS3004 Terminal Assignments
1.5
Terminal Functions
Table 1–1. TAS3004 Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AINLM
46
I
ADC left channel analog input (anti-alias capacitor)
AINLP
47
I
ADC left channel analog input (anti-alias capacitor)
AINRM
43
I
ADC right channel analog input (anti-alias capacitor)
AINRP
42
I
ADC right channel analog input (anti-alias capacitor)
ALLPASS
27
I
Logic high bypasses equalization filters
AOUTL
39
O
Left channel analog output
AOUTR
37
O
Right channel analog output
AVDD
35
I
Analog power supply (3.3 V)
AVSS
4
I
Analog voltage ground
AVSS(REF)
3
I
Analog ground voltage reference
CAP_PLL
10
I
Loop filter for internal phase-locked loop (PLL)
CLKSEL
11
I
Logic low selects 256fS; logic high selects 512fS MCLK
CS1
7
I
I2C address bit A0; low = 68h, high = 6Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com