Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 25 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 21Page - Texas Instruments TAS3004 Datasheet HTML 22Page - Texas Instruments TAS3004 Datasheet HTML 23Page - Texas Instruments TAS3004 Datasheet HTML 24Page - Texas Instruments TAS3004 Datasheet HTML 25Page - Texas Instruments TAS3004 Datasheet HTML 26Page - Texas Instruments TAS3004 Datasheet HTML 27Page - Texas Instruments TAS3004 Datasheet HTML 28Page - Texas Instruments TAS3004 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
2–11
2.4
Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
tc(SCLK)
SCLK frequency
3.072
MHz
td(SLR)
SCLK rising to LRCLK edge
20
ns
td(SDOUT)
SDOUT valid from SCLK falling (see Note 1)
(1/256fS) + 10
ns
tsu(SDIN)
SDIN setup before SCLK rising edge
20
ns
th(SDIN)
SDIN hold after SCLK rising edge
100
ns
LRCLK
32
44.1
48
kHz
Duty cycle
50
%
NOTE 1: Maximum of 50-pF external load on SDOUT.
SCLK
LRCLK
SDIN1
SDIN2
SDOUT1
SDOUT2
SDOUT0
tc(SCLK)
td(SDOUT)
tsu(SDIN)
th(SDIN)
td(SLR)
tf(SCLK)
tr(SCLK)
td(SLR)
Figure 2–10. For Right-/Left-Justified, I2S, and Left-/Left-Justified Serial Protocols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com