| Electronic Components Datasheet Search |
|
TAS3004 Datasheet(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3004 Datasheet(HTML) 35 Page - Texas Instruments |
|
35 / 80 page ![]() 4–5 4.9 Dynamic Loudness Contour The necessity for applying loudness compensation to playback systems to compensate for the fact that the ear perceives bass and treble less audibly at low levels than at high ones has been established with the first data published by Fletcher and Munson in 1933. There are many equal-loudness contours in publication, like Steven’s contours, Robinson and Dadson contours even reached the acceptance level of ISO recommendation. The TAS3004 device has a simplified loudness contour algorithm that diminishes the effect of weak bass at low listening levels. Since contour has volume level dependency, the user must define the relation between the gain of the contour circuit and the volume level. Figure 4–3 is a block diagram of this circuit. Volume Biquad Gain Figure 4–3. Block Diagram The loudness contour is activated by sending an activation command via I2C from an external device. Optionally, a contour gain command can be sent by an external device to provide tracking with the system’s volume control. 4.9.1 Loudness Biquads Loudness biquad filters for the left and right channels are independently programmable via I2C. Their subaddresses are 0x21 and 0x22, respectively. The digital filters are written as five 24-bit (4.20) hex coefficients for each channel. 4.9.2 Loudness Gain Loudness gain values for the left and right channels are independently programmable via I2C. Their subaddresses are 0x23 and 0x24, respectively. The gain values are written as one 4.20 hex coefficient for each channel. 4.9.3 Loudness Contour Operation When the frequency of the loudness contour is determined, a digital filter must be developed. Then, the gain of the filter is determined. These values are placed in the storage area of the system controller (microcontroller) and sent to the TAS3004 device when it is desired to activate the loudness contour. If it is necessary to change the frequency or gain of the contour, new gain and filter coefficients are sent by the system controller. This function is performed normally when the volume control is changed (that is, more volume, less contour). The gain of the loudness contour filter then tracks the volume control. The loudness contour biquad filters are provided in addition to the seven equalization biquad filters. See Section A.6 for programming instructions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |