Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 71 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 67Page - Texas Instruments TAS3004 Datasheet HTML 68Page - Texas Instruments TAS3004 Datasheet HTML 69Page - Texas Instruments TAS3004 Datasheet HTML 70Page - Texas Instruments TAS3004 Datasheet HTML 71Page - Texas Instruments TAS3004 Datasheet HTML 72Page - Texas Instruments TAS3004 Datasheet HTML 73Page - Texas Instruments TAS3004 Datasheet HTML 74Page - Texas Instruments TAS3004 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
A–5
A.2 Volume Gain Command
The gain error is less than 0.12 dB (exclusive mute).
Device ID
Subaddress
VL(23–16)
VL(15–8)
VL(7–0)
VR(23–16)
VR(15–8)
VR(7–0)
For example, if left volume = 6 dB and right volume = –6 dB, then the command is:
68
04
01
FE
CA
00
80
4E
Table A–5. Volume Versus Gain Values
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
18.0
07, F1, 7B
3.0
01, 69, 9C
–12.0
00, 40, 4E
–27.0
00, 0B, 6F
–42.0
00, 02, 09
17.5
07, 7F, BB
2.5
01, 55, 62
–12.5
00, 3C, B5
–27.5
00, 0A, CC
–42.5
00, 01, EB
17.0
07, 14, 57
2.0
01, 42, 49
–13.0
00, 39, 50
–28.0
00, 0A, 31
–43.0
00, 01, D0
16.5
06, AE, F6
1.5
01, 30, 42
–13.5
00, 36, 1B
–28.5
00, 09, 9F
–43.5
00, 01, B6
16.0
06, 4F, 40
1.0
01, 1F, 3D
–14.0
00, 33, 14
–29.0
00, 09, 15
–44.0
00, 01, 9E
15.5
05, F4, E5
0.5
01, 0F, 2B
–14.5
00, 30, 39
–29.5
00, 08, 93
–44.5
00, 01, 86
15.0
05, 9F, 98
0.0
01, 00, 00
–15.0
00, 2D, 86
–30.0
00, 08, 18
–45.0
00, 01, 71
14.5
05, 4F, 10
–0.5
00, F1, AE
–15.5
00, 2A, FA
–30.5
00, 07, A5
–45.5
00, 01, 5C
14.0
05, 03, 0A
–1.0
00, E4, 29
–16.0
00, 28, 93
–31.0
00, 07, 37
–46.0
00, 01, 48
13.5
04, BB, 44
–1.5
00, D7, 66
–16.5
00, 26, 4E
–31.5
00, 06, D0
–46.5
00, 01, 36
13.0
04, 77, 83
–2.0
00, CB, 59
–17.0
00, 24, 29
–32.0
00, 06, 6E
–47.0
00, 01, 25
12.5
04, 37, 8B
–2.5
00, BF, F9
–17.5
00, 22, 23
–32.5
00, 06, 12
–47.5
00, 01, 14
12.0
03, FB, 28
–3.0
00, B5, 3C
–18.0
00, 20, 3A
–33.0
00, 05, BB
–48.0
00, 01, 05
11.5
03, C2, 25
–3.5
00, AB, 19
–18.5
00, 1E, 6D
–33.5
00, 05, 69
–48.5
00, 00, F6
11.0
03, 8C, 53
–4.0
00, A1, 86
–19.0
00, 1C, B9
–34.0
00, 05, 1C
–49.0
00, 00, E9
10.5
03, 59, 83
–4.5
00, 98, 7D
–19.5
00, 1B, 1E
–34.5
00, 04, D2
–49.5
00, 00, DC
10.0
03, 29, 8B
–5.0
00, 8F, F6
–20.0
00, 19, 9A
–35.0
00, 04, 8D
–50.0
00, 00, CF
9.5
02, FC, 42
–5.5
00, 87, E8
–20.5
00, 18, 2B
–35.5
00, 04, 4C
–50.5
00, 00, C4
9.0
02, D1, 82
–6.0
00, 80, 4E
–21.0
00, 16, D1
–36.0
00, 04, 0F
–51.0
00, 00, B9
8.5
02, A9, 25
–6.5
00, 79, 20
–21.5
00, 15, 8A
–36.5
00, 03, D5
–51.5
00, 00, AE
8.0
02, 83, 0B
–7.0
00, 72, 5A
–22.0
00, 14, 56
–37.0
00, 03, 9E
–52.0
00, 00, A5
7.5
02, 5F, 12
–7.5
00, 6B, F4
–22.5
00, 13, 33
–37.5
00, 03, 6A
–52.5
00, 00, 9B
7.0
02, 3D, 1D
–8.0
00, 65, EA
–23.0
00, 12, 20
–38.0
00, 03, 39
–53.0
00, 00, 93
6.5
02, 1D, 0E
–8.5
00, 60, 37
–23.5
00, 11, 1C
–38.5
00, 03, 0B
–53.5
00, 00, 8B
6.0
01, FE, CA
–9.0
00, 5A, D5
–24.0
00, 10, 27
–39.0
00, 02, DF
–54.0
00, 00, 83
5.5
01, E2, 37
–9.5
00, 55, C0
–24.5
00, 0F, 40
–39.5
00, 02, B6
–54.5
00, 00, 7B
5.0
01, C7, 3D
–10.0
00, 50, F4
–25.0
00, 0E, 65
–40.0
00, 02, 8F
–55.0
00, 00, 75
4.5
01, AD, C6
–10.5
00, 4C, 6D
–25.5
00, 0D, 97
–40.5
00, 02, 6B
–55.5
00, 00, 6E
4.0
01, 95, BC
–11.0
00, 48, 27
–26.0
00, 0C, D5
–41.0
00, 02, 48
–56.0
00, 00, 68
3.5
01, 7F, 09
–11.5
00, 44, 1D
–26.5
00, 0C, 1D
–41.5
00, 02, 27
–56.5
00, 00, 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com