Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 28 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 24Page - Texas Instruments TAS3004 Datasheet HTML 25Page - Texas Instruments TAS3004 Datasheet HTML 26Page - Texas Instruments TAS3004 Datasheet HTML 27Page - Texas Instruments TAS3004 Datasheet HTML 28Page - Texas Instruments TAS3004 Datasheet HTML 29Page - Texas Instruments TAS3004 Datasheet HTML 30Page - Texas Instruments TAS3004 Datasheet HTML 31Page - Texas Instruments TAS3004 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
3–2
AOUTR
10
µF
24-Bit
DAC
AOUTL
VCOM
+
0.1
µF
AGND
Analog Output
(Adjust Capacitors for Desired
Low Frequency Response)
Figure 3–2. VCOM Decoupling Network
3.2.2
Analog Output With Gain
Since the analog output from the TAS3004 device is 0.7 Vrms, the output level can be increased by using an external
amplifier. The circuit shown in Figure 3–3 boosts the output level to 1 Vrms (when it has a gain of 1.414) and provides
improved signal-to-noise ratio (SNR). Since this circuit lowers the noise floor, THD + N is improved also.
AOUTR
10
µF
Analog Output
(Adjust Capacitors for Desired
Low Frequency Response)
24-Bit
DAC
AOUTL
VCOM
+
0.1
µF
AGND
+
–
+5 Op Amp/2
+
–
+5 Op Amp/2
TLV2362
or Equilvalent
TLV2362
or Equilvalent
C1
C2
C3
C5
C5
C4
C1 = C2 = C3
C4 = C5
Figure 3–3. Analog Output With External Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com