Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 32 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 28Page - Texas Instruments TAS3004 Datasheet HTML 29Page - Texas Instruments TAS3004 Datasheet HTML 30Page - Texas Instruments TAS3004 Datasheet HTML 31Page - Texas Instruments TAS3004 Datasheet HTML 32Page - Texas Instruments TAS3004 Datasheet HTML 33Page - Texas Instruments TAS3004 Datasheet HTML 34Page - Texas Instruments TAS3004 Datasheet HTML 35Page - Texas Instruments TAS3004 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
4–2
SDIN2_L
7 Biquad
Filters
Tone
Soft
Volume
DRCE
SDIN1_L
ADC_L
SDOUT1
7 Biquad
Filters
Tone
Soft
Volume
DRCE
SDIN2_R
SDIN1_R
ADC_R
SDOUT2
1/2
L + R_SUM
Right Channel Mix Coefficients
I2C Register Address 07h
SDIN1 ^ SDIN2 ^ ADC
= (3) 24-Bit Right Mix Coefficient
Left Channel Mix Coefficients
I2C Register Address 08h
= (3) 24-Bit Left Mix Coefficient
SDIN1 ^ SDIN2 ^ ADC
1/2
L_SUM
R_SUM
Figure 4–1. TAS3004 Mix Function
4.4
Mono Mixer Control
The TAS3004 device contains a second mixer that performs the function of mixing left and right channel digital audio
data from the input mixer in order to derive a monaural channel. This mixer has a fixed gain of –6 dB so that full scale
inputs on L_sum and R_sum do not produce clipping on the resulting L+R_sum.
The output of this mixer is present on terminal 24 (SDOUT2) and is generally used for a digitally-mixed subwoofer
or center channel application.
4.5
Treble Control
The treble gain level may be adjusted within the range of 15 dB to –15 dB with 0.5-dB step resolution. The level
changes are accomplished by downloading treble codes (shown in Appendix A) into the treble gain register.
Alternately, a limited range of treble control is available by asserting the GPI terminals.
The treble control has a corner frequency of 6 kHz at a 48-kHz sample rate.
The gain values for treble control can be found in Section A.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com