Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 49 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 45Page - Texas Instruments TAS3004 Datasheet HTML 46Page - Texas Instruments TAS3004 Datasheet HTML 47Page - Texas Instruments TAS3004 Datasheet HTML 48Page - Texas Instruments TAS3004 Datasheet HTML 49Page - Texas Instruments TAS3004 Datasheet HTML 50Page - Texas Instruments TAS3004 Datasheet HTML 51Page - Texas Instruments TAS3004 Datasheet HTML 52Page - Texas Instruments TAS3004 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
7–3
Once the download is complete, the fast load bit must be cleared by writing a 0 into bit 7 of the main control register
(MCR). This puts the TAS3004 device into normal mode.
7.2.5
Codec Reset
During initialization, the output of the CODEC is disabled. Throughout reset and initialization, the output of the DAC
is muted to prevent extraneous noise being sent to the system output.
Data from the ADC and other internal processing is purged so that when reset/initialization is complete, only valid
inputs are sent to the system output.
7.3
Power-Down Mode
The TAS3004 device has an asynchronous power-down mode. In the power-down mode, the internal control
registers and equalization programming of the device are stored in the device.
To enter power-down mode:
•
Assert the power-down control signal (1)
•
Set the serial audio input clocks to 0
The TAS3004 device goes into power-down mode.
To exit the power-down mode:
•
Assert RESET (logic 0)
•
Restart the serial audio clocks
•
Wait for a delay of 1.0 ms (to allow the PLL to lock)
•
Negate the power-down control signal (logic 0)
•
Negate RESET (logic 1)
The device then returns to the state it was in before power down (resumes normal operation).
7.3.1
Power-Down Timing Sequence
PWR_DN
Power-Down Mode
RESET
MCLK
SCLK
LRCLK
SDATA
1 ms
Normal Operation
Figure 7–2. Power-Down Timing Sequence
In power-down mode, the TAS3004 device consumes typically less than 1 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com