Electronic Components Datasheet Search
  English  ▼

X  

TAS3004 Datasheet(PDF) 72 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 68Page - Texas Instruments TAS3004 Datasheet HTML 69Page - Texas Instruments TAS3004 Datasheet HTML 70Page - Texas Instruments TAS3004 Datasheet HTML 71Page - Texas Instruments TAS3004 Datasheet HTML 72Page - Texas Instruments TAS3004 Datasheet HTML 73Page - Texas Instruments TAS3004 Datasheet HTML 74Page - Texas Instruments TAS3004 Datasheet HTML 75Page - Texas Instruments TAS3004 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
A–6
Table A–5. Volume Versus Gain Values (Continued)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
GAIN (dB)
VOLUME
V(23–16),
V(15–8),
V(7–0)
–57.0
00, 00, 5D
–60.0
00, 00, 42
–63.0
00, 00, 2E
–66.0
00, 00, 21
–69.0
00, 00, 17
–57.5
00, 00, 57
–60.5
00, 00, 3E
–63.5
00, 00, 2C
–66.5
00, 00, 1F
–69.5
00, 00, 16
–58.0
00, 00, 53
–61.0
00, 00, 3A
–64.0
00, 00, 29
–67.0
00, 00, 1D
–70.0
00, 00, 15
–58.5
00, 00, 4E
–61.5
00, 00, 37
–64.5
00, 00, 27
–67.5
00, 00, 1C
mute
00, 00, 00
–59.0
00, 00, 4A
–62.0
00, 00, 34
–65.0
00, 00, 25
–68.0
00, 00, 1A
–59.5
00, 00, 45
–62.5
00, 00, 31
–65.5
00, 00, 23
–68.5
00, 00, 19
A.3 Treble Control Register Command
Both left and right channel are given the same treble gain setting.
Device ID
Subaddress
T(7–0)
For example, if treble gain = 5 dB, then the command is:
68
05
65
Table A–6. Treble Control Register
GAIN (dB)
T(7–0)
(hex)
GAIN (dB)
T(7–0)
(hex)
GAIN (dB)
T(7–0)
(hex)
GAIN (dB)
T(7–0)
(hex)
GAIN (dB)
T(7–0)
(hex)
18.0
0x01
10.5
0x4A
3.0
0x6B
–4.5
0x7B
–12.0
0x8A
17.5
0x01
10.0
0x4D
2.5
0x6C
–5.0
0x7C
–12.5
0x8B
17.0
0x04
9.5
0x51
2.0
0x6D
–5.5
0x7D
–13.0
0x8C
16.5
0x08
9.0
0x53
1.5
0x3F
–6.0
0x7E
–13.5
0x8D
16.0
0x13
8.5
0x56
1.0
0x70
–6.5
0x7F
–14.0
0x8E
15.5
0x1A
8.0
0x59
0.5
0x71
–7.0
0x80
–14.5
0x8F
15.0
0x20
7.5
0x5B
0.0
0x72
–7.5
0x81
–15.0
0x90
14.5
0x26
7.0
0x5D
–0.5
0x73
–8.0
0x82
–15.5
0x91
14.0
0x2C
6.5
0x60
–1.0
0x74
–8.5
0x83
–16.0
0x92
13.5
0x31
6.0
0x62
–1.5
0x75
–9.0
0x84
–16.5
0x93
13.0
0x36
5.5
0x63
–2.0
0x76
–9.5
0x85
–17.0
0x94
12.5
0x3B
5.0
0x65
–2.5
0x77
–10.0
0x86
–17.5
0x95
12.0
0x3F
4.5
0x67
–3.0
0x78
–10.5
0x87
–18.0
0x96
11.5
0x43
4.0
0x68
–3.5
0x79
–11.0
0x88
11.0
0x47
3.5
0x69
–4.0
0x7A
–11.5
0x89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com